Electronic Components Datasheet Search
  English  ▼

X  

LT5520 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5520
Description  1.3GHz to 2.3GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520 Datasheet(HTML) 4 Page - Linear Technology

  LT5520 Datasheet HTML 1Page - Linear Technology LT5520 Datasheet HTML 2Page - Linear Technology LT5520 Datasheet HTML 3Page - Linear Technology LT5520 Datasheet HTML 4Page - Linear Technology LT5520 Datasheet HTML 5Page - Linear Technology LT5520 Datasheet HTML 6Page - Linear Technology LT5520 Datasheet HTML 7Page - Linear Technology LT5520 Datasheet HTML 8Page - Linear Technology LT5520 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT5520
4
5520f
LO INPUT POWER (dBm)
16
14
12
10
8
6
4
2
0
–2
–4
–16
–12
5520 • G06
–8
4
0
–4
LO INPUT POWER (dBm)
–16
–12
–8
04
–4
LO INPUT POWER (dBm)
–16
–12
–8
04
–4
IF INPUT POWER (dBm/TONE)
–16
–12
–8
04
–4
IF INPUT POWER (dBm/TONE)
–16
–12
–8
04
–4
50
45
40
35
30
25
20
15
10
5
0
5520 • G07
LO INPUT POWER (dBm)
–16
–12
–8
04
–4
–10
–20
–30
–40
–50
–60
5520 • G08
50
45
40
35
30
25
20
15
10
5
0
8
7
6
5
4
3
2
1
0
–1
–2
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
5520 • G09
5520 • G10
5520 • G11
4.0
4.25
4.5
5.0
4.75
5.25
5.5
5520 • G12
4
3
2
1
0
–1
–2
–3
–4
–5
–6
SUPPLY VOLTAGE (V)
5520 • G14
5520 • G13
IM2
TA = –40°C
HIGH SIDE LO
HIGH SIDE LO
LOW SIDE LO
LOW SIDE LO
HIGH SIDE LO
HIGH SIDE LO
LOW SIDE LO
LOW SIDE AND HIGH SIDE LO
LOW SIDE LO
SSB NF
GAIN
GAIN
TA = 85°C
TA = 85°C
TA = –40°C
TA = –40°C
IIP2
IIP3
TA = –40°C
TA = 85°C
TA = –40°C
TA = 85°C
TA = –40°C
TA = –40°C
TA = 85°C
TA = 85°C
TA = 85°C
TA = 25°C
POUT
IM3
POUT
FREQUENCY (MHz)
0
0
–5
–10
–15
–20
–25
500
1000
1500
2000
2500
3000
IF PORT
RF PORT
LO PORT
20
18
16
14
12
10
8
6
4
2
0
50
45
40
35
30
25
20
15
10
5
0
TA = 25°C
TA = 25°C
TA = 85°C
IIP2
IIP3
TA = 25°C, TA = –40°C
TA = 85°C
TA = 25°C
TA = 85°C
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C
TA = –40°C
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IF INPUT POWER (dBm)
–16
–12
–8
04
–4
TA = –40°C
IIP2
IIP3
Conversion Gain and SSB Noise
Figure vs LO Input Power
IIP3 and IIP2 vs
LO Input Power
LO-RF Leakage
vs LO Input Power
IIP3 and IIP2 vs
LO Input Power
RF Output Power and Output IM3 vs
IF Input Power (Two Input Tones)
TYPICAL PERFOR A CE CHARACTERISTICS
Conversion Gain vs IF Input
Power (One Input Tone)
Conversion Gain, IIP3 and IIP2
vs Supply Voltage
VCC = 5VDC, EN = High , TA = 25°C, IF input = 140MHz at –10dBm, LO input = 1.76GHz at –5dBm, RF output measured at 1900MHz,
unless otherwise noted. For 2-tone inputs: 2nd IF Input = 141MHz at –10dBm. (Test Circuit Shown in Figure 2.)
IF, LO and RF Port Return Loss
vs Frequency
RF Output Power and Output IM2 vs
IF Input Power (Two Input Tones)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com