Electronic Components Datasheet Search
  English  ▼

X  

LT5520 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5520
Description  1.3GHz to 2.3GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520 Datasheet(HTML) 5 Page - Linear Technology

  LT5520 Datasheet HTML 1Page - Linear Technology LT5520 Datasheet HTML 2Page - Linear Technology LT5520 Datasheet HTML 3Page - Linear Technology LT5520 Datasheet HTML 4Page - Linear Technology LT5520 Datasheet HTML 5Page - Linear Technology LT5520 Datasheet HTML 6Page - Linear Technology LT5520 Datasheet HTML 7Page - Linear Technology LT5520 Datasheet HTML 8Page - Linear Technology LT5520 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT5520
5
5520f
PI FU CTIO S
GND (Pins 1, 4, 9, 12, 13, 16): Internal Grounds. These
pins are used to improve isolation and are not intended as
DC or RF grounds for the IC. Connect these pins to low
impedance grounds for best performance.
IF+, IF– (Pins 2, 3): Differential IF Signal Inputs. A differ-
ential signal must be applied to these pins through DC
blocking capacitors. The pins must be connected to ground
with 100
Ω resistors (the grounds must each be capable of
sinking about 18mA). For best LO leakage performance,
these pins should be DC isolated from each other. An
impedance transformation is required to match the IF
input to the desired source impedance (typically 50
Ω or
75
Ω).
EN (Pin 5): Enable Pin. When the applied voltage is greater
than 3V, the IC is enabled. When the applied voltage is less
than 0.5V, the IC is disabled and the DC current drops to
about 1
µA.
VCC1 (Pin 6): Power Supply Pin for the Bias Circuits.
Typical current consumption is about 2mA. This pin
should be externally connected to VCC and have appropri-
ate RF bypass capacitors.
VCC2 (Pin 7): Power Supply Pin for the LO Buffer Circuits.
Typical current consumption is about 22mA. This pin
should have appropriate RF bypass capacitors as shown
in Figure 2. The 1000pF capacitor should be located as
close to the pins as possible.
VCC3 (Pin 8): Power Supply Pin for the Internal Mixer.
Typical current consumption is about 36mA. This pin
should be externally connected to VCC through an induc-
tor. A 39nH inductor is used in Figure 2, though the value
is not critical.
RF–, RF+ (Pins 10, 11): Differential RF Outputs. One pin
may be DC connected to a low impedance ground to realize
a 50
Ω single-ended output. No external matching compo-
nents are required. A DC voltage should not be applied
across these pins, as they are internally connected through
a transformer winding.
LO+, LO– (Pins 14, 15): Differential Local Oscillator In-
puts. The LT5520 works well with a single-ended source
driving the LO+ pin and the LO– pin connected to a low
impedance ground. No external matching components are
required. An internal resistor is connected across these
pins; therefore, a DC voltage should not be applied across
the inputs.
GROUND (Pin 17, Exposed Pad): DC and RF ground
return for the entire IC. This must be soldered to the
printed circuit board low impedance ground plane.
BLOCK DIAGRA
IF+
IF –
LO–
LO+
RF+
RF –
BIAS
EN
VCC1
VCC2
VCC3
5520 BD
15
16
13
8
6
5
17
12
11
10
9
7
1
2
3
4
14
GND
GND
GND
GND
GND
GND
DOUBLE-
BALANCED
MIXER
HIGH SPEED
LO BUFFER
BACKSIDE
GROUND
10pF
5pF
5pF
85
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com