Electronic Components Datasheet Search
  English  ▼

X  

LT5538 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5538
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538 Datasheet(HTML) 3 Page - Linear Technology

  LT5538 Datasheet HTML 1Page - Linear Technology LT5538 Datasheet HTML 2Page - Linear Technology LT5538 Datasheet HTML 3Page - Linear Technology LT5538 Datasheet HTML 4Page - Linear Technology LT5538 Datasheet HTML 5Page - Linear Technology LT5538 Datasheet HTML 6Page - Linear Technology LT5538 Datasheet HTML 7Page - Linear Technology LT5538 Datasheet HTML 8Page - Linear Technology LT5538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5538
3
5538f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, ENBL = 5V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2nd Order Harmonic Distortion
Pin = –10dBm; At RF Input
–62
dBc
3rd Order Harmonic Distortion
Pin = –10dBm; At RF Input
–61
dBc
fRF = 450 MHz
RF Input Power Range
–75 to 10
dBm
Linear Dynamic Range
±1 dB Linearity Error (Note 3)
75
dB
Output Slope
19.6
mV/dB
Logarithmic Intercept
(Note 5)
–87.3
dBm
Sensitivity
–71.5
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
PIN = –50dBm; –40°C < TA < 85°C
PIN = –30dBm; –40°C < TA < 85°C
PIN = –10dBm; –40°C < TA < 85°C
●
●
●
0.1/0.6
0.1/0.5
–0.1/0.5
dB
dB
dB
2nd Order Harmonic Distortion
Pin = –10dBm; At RF Input
–43
dBc
3rd Order Harmonic Distortion
Pin = –10dBm; At RF Input
–44
dBc
fRF = 880 MHz
RF Input Power Range
–75 to 10
dBm
Linear Dynamic Range
±1 dB Linearity Error (Note 3)
75
dB
Output Slope
19.0
mV/dB
Logarithmic Intercept
(Note 5)
–88.8
dBm
Sensitivity
–71.5
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
PIN = –50dBm; –40°C < TA < 85°C
PIN = –30dBm; –40°C < TA < 85°C
PIN = –10dBm; –40°C < TA < 85°C
●
●
●
0.1/0.7
0.1/0.4
0.1/0.4
dB
dB
dB
2nd Order Harmonic Distortion
Pin = –10dBm; At RF Input
–37
dBc
3rd Order Harmonic Distortion
Pin = –10dBm; At RF Input
–40
dBc
fRF = 2140 MHz
RF Input Power Range
–72 to 10
dBm
Linear Dynamic Range
±1 dB Linearity Error (Note 3)
70
dB
Output Slope
17.7
mV/dB
Logarithmic Intercept
(Note 5)
–89.0
dBm
Sensitivity
–69.0
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
PIN = –50dBm; –40°C < TA < 85°C
PIN = –30dBm; –40°C < TA < 85°C
PIN = –10dBm; –40°C < TA < 85°C
●
●
●
0.3/0.4
0.4/0.1
0.7/0.5
dB
dB
dB
fRF = 2700 MHz
RF Input Power Range
–72 to 10
dBm
Linear Dynamic Range
±1 dB Linearity Error (Note 3)
65
dB
Output Slope
17.6
mV/dB
Logarithmic Intercept
(Note 5)
–87.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com