Electronic Components Datasheet Search
  English  ▼

X  

LT5538 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5538
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538 Datasheet(HTML) 5 Page - Linear Technology

  LT5538 Datasheet HTML 1Page - Linear Technology LT5538 Datasheet HTML 2Page - Linear Technology LT5538 Datasheet HTML 3Page - Linear Technology LT5538 Datasheet HTML 4Page - Linear Technology LT5538 Datasheet HTML 5Page - Linear Technology LT5538 Datasheet HTML 6Page - Linear Technology LT5538 Datasheet HTML 7Page - Linear Technology LT5538 Datasheet HTML 8Page - Linear Technology LT5538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT5538
5
5538f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Output Voltage, Linearity Error vs
Input Power at 40MHz
VOUT Variation vs Input Power at
40MHz
Output Voltage, Linearity Error vs
Input Power at 450MHz
Output Voltage, Linearity Error vs
Input Power at 2.14GHz
VOUT Variation vs Input Power at
2.14GHz
(Test Circuit shown in Figure 5)
VOUT Variation vs Input Power at
450MHz
Output Voltage, Linearity Error vs
Input Power at 880MHz
VOUT Variation vs Input Power at
880MHz
5538 G01
SUPPLY VOLTAGE VCC (V)
2.5
10
15
20
25
30
40
3
3.5
4
4.5
5
5.5
35
TA = –40°C
TA = 25°C
TA = 85°C
5538 G02
INPUT POWER (dBm)
–75
0.2
0.5
0.8
1.1
1.4
2.0
–65 –55 –45 –35 –25 –15
–5
5
1.7
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V
5538 G03
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 85°C
VCC = 5V
NORMALIZED AT 25°C
5538 G04
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
0.2
0.5
0.8
1.1
1.4
2.0
1.7
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V
5538 G05
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 85°C
VCC = 5V
NORMALIZED AT 25°C
5538 G06
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
0.2
0.5
0.8
1.1
1.4
2.0
1.7
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V
5538 G07
INPUT POWER (dBm)
–65
–75
–55 –45 –35 –25 –15
–5
5
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 85°C
VCC = 5V
NORMALIZED AT 25°C
5538 G08
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
0.2
0.5
0.8
1.1
1.4
2.0
1.7
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V
5538 G09
INPUT POWER (dBm)
–65
–75
–55 –45 –35 –25 –15
–5
5
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 85°C
VCC = 5V
NORMALIZED AT 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com