Electronic Components Datasheet Search
  English  ▼

X  

LT5538 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5538
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538 Datasheet(HTML) 4 Page - Linear Technology

  LT5538 Datasheet HTML 1Page - Linear Technology LT5538 Datasheet HTML 2Page - Linear Technology LT5538 Datasheet HTML 3Page - Linear Technology LT5538 Datasheet HTML 4Page - Linear Technology LT5538 Datasheet HTML 5Page - Linear Technology LT5538 Datasheet HTML 6Page - Linear Technology LT5538 Datasheet HTML 7Page - Linear Technology LT5538 Datasheet HTML 8Page - Linear Technology LT5538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT5538
4
5538f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
control.
Note 3: The linearity error is calculated by the difference between the
incremental slope of the output and the average slope from –50dBm
to –20dBm. The dynamic range is defined as the range over which the
linearity error is within ±1dB.
Note 4: Sensitivity is defined as the minimum input power required for the
linearity error within 3dB of the ideal log-linear transfer curve.
Note 5: Logarithmic Intercept is an extrapolated input power level from the
best-fitted log-linear straight line, where the output voltage is 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Sensitivity
–69.5
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
PIN = –50dBm; –40°C < TA < 85°C
PIN = –30dBm; –40°C < TA < 85°C
PIN = –10dBm; –40°C < TA < 85°C
●
●
●
0.3/0.3
0.7/–0.3
1.1/–0.9
dB
dB
dB
fRF = 3600 MHz
RF Input Power Range
–65 to 10
dBm
Linear Dynamic Range
±1 dB Linearity Error (Note 3)
57
dB
Output Slope
18
mV/dB
Logarithmic Intercept
(Note 5)
–81.4
dBm
Sensitivity
–63
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
PIN = –45dBm; –40°C < TA < 85°C
PIN = –25dBm; –40°C < TA < 85°C
PIN = –5dBm; –40°C < TA < 85°C
●
●
●
0.6/–0.3
0.9/–0.6
1.4/–1.2
dB
dB
dB
Output Interface
Output DC Voltage
No RF Signal Present
0.350
V
Output Impedance
150
Ω
Source Current
10
mA
Sink Current
200
μA
Rise Time
0.5V to 1.6V, 10% to 90%, fRF = 880 MHz
100
ns
Fall Time
1.6V to 0.5V, 10% to 90%, fRF = 880 MHz
180
ns
Power Up/Down
ENBL = High (On)
●
1V
ENBL = Low (Off)
●
0.3
V
ENBL Input Current
VENBL = 5V
205
μA
Turn ON time
300
ns
Turn OFF Time
1μs
Power Supply
Supply Voltage
3
5.25
V
Supply Current
29
36
mA
Shutdown Current
ENBL = Low
1
100
μA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, ENBL = 5V. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com