Electronic Components Datasheet Search
  English  ▼

X  

AN2615 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 15Page - STMicroelectronics AN2615 Datasheet HTML 16Page - STMicroelectronics AN2615 Datasheet HTML 17Page - STMicroelectronics AN2615 Datasheet HTML 18Page - STMicroelectronics AN2615 Datasheet HTML 19Page - STMicroelectronics AN2615 Datasheet HTML 20Page - STMicroelectronics AN2615 Datasheet HTML 21Page - STMicroelectronics AN2615 Datasheet HTML 22Page - STMicroelectronics AN2615 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AN2615
Result
19/37
11
Result
The result is given for a capacitor value of 100 µF. So the conversion time is long. The
conversion time can be reduced by choosing a capacitor with a lower value but accuracy is
also reduced. Other parameters are as follows:
R = 10 K, V1 = 1.5 V, V2 = 2V and V3 = 3 V
So:
R * C = (10 K) * (100 µF) = 1 s
The input range is taken as +1V to -1V, where mod (Vref) (= 1 V) is less than V1.
The conversion time is in the range 1 to 3 s. The settling time (as shown in Figure 3: Timing
diagram on page 8) is fixed at 1s. The ADC is calibrated by reading two known input
voltages afterwhich Koffset and Kgain are calculated. The input voltage Vin is taken from a
voltage source.
11.1
Positive input
In Figure 13, an example of the readings measured by the converter, which are sent to the
hyper terminal, are shown. Tavg is the average of 16 conversions, and Vavg is the calculated
value in terms of voltage. The difference of the maximum and minimum value among the 16
values is also shown.
Figure 13.
Results for positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com