Electronic Components Datasheet Search
  English  ▼

X  

AN2615 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 16Page - STMicroelectronics AN2615 Datasheet HTML 17Page - STMicroelectronics AN2615 Datasheet HTML 18Page - STMicroelectronics AN2615 Datasheet HTML 19Page - STMicroelectronics AN2615 Datasheet HTML 20Page - STMicroelectronics AN2615 Datasheet HTML 21Page - STMicroelectronics AN2615 Datasheet HTML 22Page - STMicroelectronics AN2615 Datasheet HTML 23Page - STMicroelectronics AN2615 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Result
AN2615
20/37
In Table 1, the readings are shown for positive input voltages ranging from 0 to 1 V. Vin is the
voltage measured by the multimeter. Vmeasured (equal to Vavg) is the average voltage
measured by the converter in a loop of 16. The last column shows the difference in the
maximum and minimum readings of the values measured by the converter in the loop. This
shows the variations recorded in the readings.
Table 1.
Results for positive input voltages
Sl no
Vin (mV)
(taken from multimeter)
Vmeasured (mV)
Difference (mV)
(Vmeasured - Vin)
Error in max and min
input measured in the
loop (mV)
1
8.93
8.93
0
0.45
2
18.94
18.98
0.04
0.25
3
28.82
28.87
0.05
0.21
4
38.72
38.78
0.06
0.39
5
49.07
49.13
0.06
0.46
6
58.93
59.02
0.09
0.38
7
68.82
68.92
0.1
0.08
8
79.12
79.25
0.13
0.39
9
88.98
89.07
0.09
0.33
10
98.85
98.98
0.13
0.12
11
108.75
108.9
0.15
0.37
12
119.05
119.19
0.14
0.43
13
128.95
129.13
0.18
0.29
14
138.57
138.76
0.19
0.24
15
158.75
158.96
0.25
0.25
16
178.97
179.18
0.21
0.4
17
198.68
198.91
0.23
0.1
18
218.83
219.1
0.27
0.37
19
239.08
239.35
0.27
0.34
20
258.55
258.83
0.28
0.14
21
278.8
279.11
0.31
0.19
22
299.02
299.34
0.32
0.31
23
318.68
319.09
0.41
0.37
24
338.93
339.29
0.36
0.35
25
358.38
358.78
0.4
0.39
26
378.62
378.98
0.36
0.36
27
398.85
399.25
0.4
0.27
28
438.84
439.23
0.39
0.15
29
478.64
478.93
0.29
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com