Electronic Components Datasheet Search
  English  ▼

X  

AN2615 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 20Page - STMicroelectronics AN2615 Datasheet HTML 21Page - STMicroelectronics AN2615 Datasheet HTML 22Page - STMicroelectronics AN2615 Datasheet HTML 23Page - STMicroelectronics AN2615 Datasheet HTML 24Page - STMicroelectronics AN2615 Datasheet HTML 25Page - STMicroelectronics AN2615 Datasheet HTML 26Page - STMicroelectronics AN2615 Datasheet HTML 27Page - STMicroelectronics AN2615 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Result
AN2615
24/37
Table 2 shows the readings for negative input voltages ranging from 0 to -1 V with the same
parameter notations as Table 1: Results for positive input voltages on page 20.
Table 2.
Results for negative input voltages
Sl
no
Vin (mV)
(taken from multimeter)
Vmeasured (mV)
Difference (mV)
(Vmeasured - Vin)
Error in max and min input
measured in the loop (mV)
1
-9.23
-9.17
0.06
0.43
2
-18.92
-18.84
0.08
0.14
3
-28.96
-29.04
-0.08
0.27
4
-38.76
-38.89
-0.13
0.38
5
-49.03
-49.14
-0.11
0.37
6
-58.88
-59
-0.12
0.24
7
-68.74
-68.9
-0.16
0.8
8
-79.03
-79.2
-0.17
0.22
9
-88.88
-89.06
-0.18
0.34
10
-98.76
-98.96
-0.2
0.4
11
-128.87
-129.13
-0.26
0.32
12
-148.76
-149.07
-0.31
0.32
13
-178.9
-179.21
-0.31
0.39
14
-198.6
-198.94
-0.34
0.11
15
-218.73
-219.12
-0.39
0.43
16
-248.59
-249.04
-0.45
0.2
17
-268.81
-269.32
-0.51
0.46
18
-298.91
-299.51
-0.6
0.15
19
-318.61
-319.25
-0.64
0.38
20
-348.67
-349.37
-0.7
0.37
21
-378.42
-379.23
-0.81
0.23
22
-398.71
-399.57
-0.86
0.48
23
-418.45
-419.33
-0.88
0.25
24
-448.52
-449.5
-0.98
0.47
25
-478.36
-479.41
-1.05
0.26
26
-498.56
-499.69
-1.13
0.4
27
-538.52
-539.73
-1.21
0.38
28
-578.4
-579.8
-1.4
0.47
29
-618.63
-620.1
-1.47
0.19
30
-658.52
-660.17
-1.65
0.53
31
-698.51
-700.28
-1.77
0.26
32
-738.65
-740.44
-1.79
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com