Electronic Components Datasheet Search
  English  ▼

X  

AN2633 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 34Page - STMicroelectronics AN2633 Datasheet HTML 35Page - STMicroelectronics AN2633 Datasheet HTML 36Page - STMicroelectronics AN2633 Datasheet HTML 37Page - STMicroelectronics AN2633 Datasheet HTML 38Page - STMicroelectronics AN2633 Datasheet HTML 39Page - STMicroelectronics AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Operating measurements
AN2633
38/48
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Sleep mode and the
LED connected to P9.1 is switched off.
3.
The RTC is programmed to generate an interrupt every 10 seconds. Consequently,
after 10 seconds the RTC alarm wakes up the system causing a LED connected to
P9.0 pin to toggle. This is used to indicate that the MCU is in RUN mode with the
oscillator as clock source.
Test 6,7,8 and 9: LPMode_Sleep_ExternalWakeUP
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Sleep mode and the
LED connected to P9.1 is switched off.
3.
When a falling edge on EXINT2 line 16 is detected, an external wake-up is generated.
To indicate that the MCU has woken up from Sleep mode, a LED connected to P9.0 is
toggled.
Test 10,11,12 and 13: LPMode_Sleep_ExternalWakeUP_Interrupt
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Sleep mode and the
LED connected to P9.1 is switched off.
3.
When a falling edge on EXINT2 line 16 is detected, an interrupt is generated. To
indicate that the MCU wakes up from Sleep mode, a LED connected to P9.0 pin is
toggled.
Test 14,15,16 and 17: LPMode_Sleep_ExternalReset
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Sleep mode and the
LED connected to P9.1 is switched off.
3.
The system waits until you push RESET pin to wake-up from Sleep mode. To indicate
that the power mode is Normal Run mode a LED connected to P9.1 pin is switched on.
Note:
All sleep mode tests work only with the oscillator as clock source
3.2.8
Idle mode tests
These tests show how to put the system in Idle mode and then to wake-up from this mode
using either an RTC alarm, an external wake-up, an external wake-up interrupt, a Watchdog
reset, a Watchdog timer interrupt, an UART interrupt or an external reset.
In Idle mode, there are 2 possible configurations:
●
Periph_ON: indicates that all peripherals are enabled.
●
Periph_OFF: indicates that all peripherals are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com