Electronic Components Datasheet Search
  English  ▼

X  

AN2639 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2639
Description  Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2639 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2639 Datasheet HTML 6Page - STMicroelectronics AN2639 Datasheet HTML 7Page - STMicroelectronics AN2639 Datasheet HTML 8Page - STMicroelectronics AN2639 Datasheet HTML 9Page - STMicroelectronics AN2639 Datasheet HTML 10Page - STMicroelectronics AN2639 Datasheet HTML 11Page - STMicroelectronics AN2639 Datasheet HTML 12Page - STMicroelectronics AN2639 Datasheet HTML 13Page - STMicroelectronics AN2639 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SMD gluability
AN2639
10/15
DocID14016 Rev 4
5
SMD gluability
It is strongly recommended to follow glue application specifications from their glue supplier,
and to use 100% glue polymerization for optimal glue efficiency.
Figure 4. Recommended profiles for glue polymerization using regular oven and
linear flow oven
Figure 5. Gluability evaluation with a shear test
Various tests have shown that glue shear test specification limit conforms to the IPC SM817
standard (0.75 kg/mm2 minimum). Customer complaints usually happen when values are
below 0.5 kg/mm2. It has been verified that below 0.25 kg/mm2 components fall from PCB
during handling. General capability in plastic SMD is greater than 1 kg/mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com