Electronic Components Datasheet Search
  English  ▼

X  

AN2657 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2657
Description  An innovative verilog model for predicting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2657 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2657 Datasheet HTML 7Page - STMicroelectronics AN2657 Datasheet HTML 8Page - STMicroelectronics AN2657 Datasheet HTML 9Page - STMicroelectronics AN2657 Datasheet HTML 10Page - STMicroelectronics AN2657 Datasheet HTML 11Page - STMicroelectronics AN2657 Datasheet HTML 12Page - STMicroelectronics AN2657 Datasheet HTML 13Page - STMicroelectronics AN2657 Datasheet HTML 14Page - STMicroelectronics AN2657 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2657
Model description and parameter extraction
11/18
Figure 4.
Generic internal RF package structure
Figure 5.
PowerFLAT cross-section
The molding resin has a dielectric constant equal to 4 and a dielectric loss tangent of 0.005.
The leads of the package are made of copper, while the bonding wires are made of gold.
During the simulation, the device contact pads and the paddle are considered as a PEC
(perfect electric conductive surface lossless). Instead, along the external sides of the air box
containing the package, an electric and magnetic field total wave absorption condition was
set to consider the radiation losses (Equation 30).
Equation 30
During the simulation lumped ports were used to excite the fields (Figure 6) [7]. The
package simulation performed was in the frequency range from 1 MHz to 50 GHz.
∇ E
×
()
tan
jk
0
j
k
0
-----
∇
tan
∇
tan
E
tan
×
()
×
j
k
0
-----
∇
tan
∇
tan
E
tan
⋅
()
×
⋅
+
⋅
–
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com