Electronic Components Datasheet Search
  English  ▼

X  

AN2657 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2657
Description  An innovative verilog model for predicting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2657 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2657 Datasheet HTML 10Page - STMicroelectronics AN2657 Datasheet HTML 11Page - STMicroelectronics AN2657 Datasheet HTML 12Page - STMicroelectronics AN2657 Datasheet HTML 13Page - STMicroelectronics AN2657 Datasheet HTML 14Page - STMicroelectronics AN2657 Datasheet HTML 15Page - STMicroelectronics AN2657 Datasheet HTML 16Page - STMicroelectronics AN2657 Datasheet HTML 17Page - STMicroelectronics AN2657 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Model description and parameter extraction
AN2657
14/18
Figure 10.
Measured S-parameters vs. simulated parameters (Vds= 7.2 V;
Idq= 100 mA)
Figure 11.
Measured input and output DC curves vs. simulated curves
freq (1.000MHz to 3.000GHz)
Input Reflection Coefficient
freq (1.000MHz to 3.000GHz)
Output Reflection Coefficient
-60 -40
-20
0
20
40
60
-80
80
freq (1.000MHz to 3.000GHz)
Forward Transmission
freq (1.000MHz to 3.000GHz)
Reverse Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com