Electronic Components Datasheet Search
  English  ▼

X  

AN2657 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2657
Description  An innovative verilog model for predicting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2657 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2657 Datasheet HTML 8Page - STMicroelectronics AN2657 Datasheet HTML 9Page - STMicroelectronics AN2657 Datasheet HTML 10Page - STMicroelectronics AN2657 Datasheet HTML 11Page - STMicroelectronics AN2657 Datasheet HTML 12Page - STMicroelectronics AN2657 Datasheet HTML 13Page - STMicroelectronics AN2657 Datasheet HTML 14Page - STMicroelectronics AN2657 Datasheet HTML 15Page - STMicroelectronics AN2657 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Model description and parameter extraction
AN2657
12/18
Figure 6.
Simulated version of the PowerFLAT
To minimize the simulation time and increase accuracy, the structure was split into two parts
(drain and gate). In this way, the reciprocal coupling between the input and output parts are
not considered. To take into account such effect, an extra capacitor (Cgd-package) has
been used. To complete the package model an extra inductor (Lvia) associated with the
source has been added. This inductor represents the effect created by the "via holes"[8] [9].
The S-parameters concerning the electromagnetic simulation of the gate section of the
package are shown in Figure 7.
Figure 7.
S-parameters of the simulated package
Moreover, using the measured S-parameters of the packaged device, it was possible to
extract the Cgd-package and the Lvia. Observing Figure 8, it is possible to see the circuit
representing the union between the package model and the device model.
freq (1.000MHz to 50.00GHz)
Input Reflection Coefficient
5
10
152025 30 3540
45
050
-14
-12
-10
-8
-6
-4
-2
0
-16
2
freq, GHz
Forward Trans mission, dB
5
10 15 20253035
4045
050
-150
-100
-50
0
50
100
150
-200
200
freq, GHz
Forward Trans mission, phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com