Electronic Components Datasheet Search
  English  ▼

X  

AN2658 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2658
Description  Using the analog to digital converter of the STM8S microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2658 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2658 Datasheet HTML 4Page - STMicroelectronics AN2658 Datasheet HTML 5Page - STMicroelectronics AN2658 Datasheet HTML 6Page - STMicroelectronics AN2658 Datasheet HTML 7Page - STMicroelectronics AN2658 Datasheet HTML 8Page - STMicroelectronics AN2658 Datasheet HTML 9Page - STMicroelectronics AN2658 Datasheet HTML 10Page - STMicroelectronics AN2658 Datasheet HTML 11Page - STMicroelectronics AN2658 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Summary of features
AN2658
8/23
Doc ID 14152 Rev 2
2
Summary of features
Table 1. below summarizes the main features of the STM8 ADC.
2.1
Resolution
The STM8 ADC converter has 10-bit resolution. A special extra feature of the STM8 is that,
to read the conversion results faster, and if you can accept lower resolution; you can read
only 8 of the 10 bits, provided that you select the appropriate register alignment.
The register for configuring right or left data alignment is ADC_CR2.
2.2
Clock selection
The A/D conversion speed is given by the ADC clock signal. This clock speed must be
between 1 MHz and 4 or 6 MHz (refer to datasheet). The ADC clock frequency is selected
by dividing the frequency of the master clock.
The register for clock speed selection is ADC_CR1.
Table 1.
STM8 ADC features
Feature
STM8 ADC
Resolution
10-bit
Clock speed
fADC = 1 to 4 or 6 MHz (refer to datasheet)
Triggers
Software, timer or external pin trigger
Operating modes
Single or continuous mode
Conversion speed
(14 clocks) 2.33 µs @ 6 MHz fADC
Reference voltage
VREF+ and VREF- external pins:
2.75 V ÷ VDDA range, analog zooming possible
Note: In some packages VREF+ and VREF- are not available, in
these cases the reference voltages are VDDA or VDD and VSSA or
VSS)
Number of input channels
Up to 16 channels
Data format
Optional left or right alignment
Buffers (1)
1.
Available only on ADC1 (extended ADC type)
Up to 16 data buffer registers (depending on the number of
channels)
Special functions (1)
Scan mode, analog watchdog, buffer overrun flag, bandgap
reference voltage channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com