Electronic Components Datasheet Search
  English  ▼

X  

UPD6P5 Datasheet(PDF) 4 Page - NEC

Part # UPD6P5
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P5 Datasheet(HTML) 4 Page - NEC

  UPD6P5 Datasheet HTML 1Page - NEC UPD6P5 Datasheet HTML 2Page - NEC UPD6P5 Datasheet HTML 3Page - NEC UPD6P5 Datasheet HTML 4Page - NEC UPD6P5 Datasheet HTML 5Page - NEC UPD6P5 Datasheet HTML 6Page - NEC UPD6P5 Datasheet HTML 7Page - NEC UPD6P5 Datasheet HTML 8Page - NEC UPD6P5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
µPD6P5
Data Sheet U14760EJ1V0DS00
LIST OF FUNCTIONS
Item
µPD6P5
ROM capacity
2,026
× 10 bits
One-time PROM
RAM capacity
32
× 4 bits
Stack
1 level (shared with RF of RAM)
I/O pin
• Key input (KI)
: 4 pins
• Key I/O (KI/O)
: 8 pins
• Key expansion input (S0, S1, S2)
: 3 pins
• Remote control transmitter display output (LED)
: 1 pin (shared with S1 pin)
Number of keys
• 32 keys
• 56 keys (when expanded by key expansion input)
Clock frequency
Ceramic oscillation
• fX = 2.4 to 4.8 MHz
Instruction execution time
16
µs (at fX = 4 MHz)
Carrier frequency
fX/8, fX/16, fX/64, fX/96, fX/128, fX/192, no carrier (high level)
Timer
9-bit programmable timer
: 1 channel
POC circuit
Provided
Supply voltage
VDD = 2.2 to 3.6 V
Operating ambient
• TA = –40 to +85 °C
temperature
Package
• 20-pin plastic SSOP (7.62 mm (300))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com