Electronic Components Datasheet Search
  English  ▼

X  

UPD6P5 Datasheet(PDF) 1 Page - NEC

Part # UPD6P5
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P5 Datasheet(HTML) 1 Page - NEC

  UPD6P5 Datasheet HTML 1Page - NEC UPD6P5 Datasheet HTML 2Page - NEC UPD6P5 Datasheet HTML 3Page - NEC UPD6P5 Datasheet HTML 4Page - NEC UPD6P5 Datasheet HTML 5Page - NEC UPD6P5 Datasheet HTML 6Page - NEC UPD6P5 Datasheet HTML 7Page - NEC UPD6P5 Datasheet HTML 8Page - NEC UPD6P5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
©
2000
DATA SHEET
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
The
µPD6P5 is a microcontroller for infrared remote control transmitters which is provided with a one-time PROM
as the program memory.
Because users can write programs for the
µPD6P5, it is ideal for program evaluation and small-scale production
of the application systems using the
µPD64A or 65.
When reading this document, also refer to the
µPD64A, 65 Data Sheet (U14380E).
FEATURES
• Program memory (one-time PROM) : 2,026
× 10 bits
• Data memory (RAM)
: 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 16
µs (when operating at fX = 4 MHz: ceramic oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0, S2)
: 2 units
•S1/LED pin (I/O)
: 1 unit (In output mode, this is the remote control transmission display
pin.)
• Power supply voltage
: VDD = 2.2 to 3.6 V
• Operating ambient temperature
: TA = –40 to +85
°C
• Oscillator frequency
: fX = 2.4 to 4.8 MHz
• POC circuit
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
MOS INTEGRATED CIRCUIT
µPD6P5
Document No. U14760EJ1V0DS00 (1st edition)
Date Published May 2000 J CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD6P5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6P5 RENESAS-UPD6P5 Datasheet
529Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD6P5MC-5A4 RENESAS-UPD6P5MC-5A4 Datasheet
529Kb / 34P
MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD6P5

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com