Electronic Components Datasheet Search
  English  ▼

X  

UPD6P5 Datasheet(PDF) 5 Page - NEC

Part # UPD6P5
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P5 Datasheet(HTML) 5 Page - NEC

  UPD6P5 Datasheet HTML 1Page - NEC UPD6P5 Datasheet HTML 2Page - NEC UPD6P5 Datasheet HTML 3Page - NEC UPD6P5 Datasheet HTML 4Page - NEC UPD6P5 Datasheet HTML 5Page - NEC UPD6P5 Datasheet HTML 6Page - NEC UPD6P5 Datasheet HTML 7Page - NEC UPD6P5 Datasheet HTML 8Page - NEC UPD6P5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
µPD6P5
Data Sheet U14760EJ1V0DS00
TABLE OF CONTENTS
1.
PIN FUNCTIONS .........................................................................................................................
6
1.1
Normal Operation Mode ....................................................................................................................
6
1.2
PROM Programming Mode ...............................................................................................................
7
1.3
INPUT/OUTPUT Circuits of Pins ......................................................................................................
8
1.4
Dealing with Unused Pins ................................................................................................................
9
1.5
Notes on Using KI Pin at Reset ........................................................................................................
9
2.
DIFFERENCES AMONG
µPD64A, 65, AND µPD6P5................................................................ 10
2.1
Program Memory (One-time PROM) ................................................................................................
11
3.
WRITING AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY) .................................. 12
3.1
Operation Mode When Writing/Verifying Program Memory ..........................................................
12
3.2
Program Memory Writing Procedure .............................................................................................. 13
3.3
Program Memory Reading Procedure .............................................................................................14
4.
ELECTRICAL SPECIFICATIONS ............................................................................................... 15
5.
CHARACTERISTIC CURVE (REFERENCE VALUES) .............................................................. 21
6.
APPLIED CIRCUIT EXAMPLE ................................................................................................... 22
7.
PACKAGE DRAWINGS ..............................................................................................................23
8.
RECOMMENDED SOLDERING CONDITIONS .......................................................................... 24
APPENDIX A. DEVELOPMENT TOOLS ......................................................................................... 25
APPENDIX B. EXAMPLE OF REMOTE-CONTROL TRANSMISSION FORMAT .......................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com