Electronic Components Datasheet Search
  English  ▼

X  

KTC4511 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC4511
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4511 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC4511 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4511 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4511 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 6. 5
3/3
KTC4511
Revision No : 0
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
f
- I
EMITTER CURRENT I
(A)
0
-0.01
20
-0.3
-0.1
E
T
E
-1
-3
-10
10
30
-0.03
Tc
=1
25
C
V
=-12V
CE
3
0.05
0.5
0.1
1
5
10
100
10
300
30
0.3
3
SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
30
Tc
=2
5
C
Tc=
-30
C
10m
s*
100ms*
DC(T
c=25
C)
*SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX.(PULSED)
C
100
175
0
5
10
15
0
25
50
75
150
125
20
25
40
30
(2)
(1)
(1)Tc=Ta
INFINITE HEAT SINK
(2)NO HEAT SINK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com