Electronic Components Datasheet Search
  English  ▼

X  

KTC4511 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4511
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4511 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4511 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4511 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4511 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 5
2/3
KTC4511
Revision No : 0
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
I
- V
BE
BASE-EMITTER VOLTAGE V
(V)
BASE CURRENT I
(A)
0
0
B
V
- I
CE(sat)
B
1
2
3
4
2
4
6
0.5
1.0
1.5
1
2
3
C
BE
2
0
2
4
6
I =6A
I =4A
C
I =2A
C
0
V
=4V
CE
h
- I
COLLECTOR CURRENT I
(A)
10
0.01
1k
50
0.3
0.1
C
FE
C
1
3
10
30
V
=4V
CE
100
300
500
0.03
Tc=125 C
3
COLLECTOR CURRENT I
(A)
0.1
0.01
10
30
50
100
0.03
0.3
1
C
10
V
=4V
1k
500
300
CE
h
- I
FE
C
I =10mA
B
B
I =20mA
B
I =30mA
B
I =50mA
B
I =80
mA
B
I =1
00mA
B
I
=1
50m
A
B
I
=2
00
mA
C
1
Tc=-30
C
Tc=25 C
Tc=125 C
Tc=25 C
Tc=-30 C
th
R
- t
TIME t (S)
1k
100
10
1
0.1
0.001
0.01
10
1
1 k
100
0.1
NO HEAT SINK
INFINITE SINK
1
2
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com