Electronic Components Datasheet Search
  English  ▼

X  

LTC1326 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1326
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1326 Datasheet HTML 3Page - Linear Technology LTC1326 Datasheet HTML 4Page - Linear Technology LTC1326 Datasheet HTML 5Page - Linear Technology LTC1326 Datasheet HTML 6Page - Linear Technology LTC1326 Datasheet HTML 7Page - Linear Technology LTC1326 Datasheet HTML 8Page - Linear Technology LTC1326 Datasheet HTML 9Page - Linear Technology LTC1326 Datasheet HTML 10Page - Linear Technology LTC1326 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1326/LTC1326-2.5
132625fc
BLOCK DIAGRA S
LTC1326
25mV
VCC3
VCC3
INTERNAL
4.15V
VCC3
SOFT RESET
RESET
25mV
3
VCCA
1
VCC3
2
VCC5
8
PBR
7
µA
6
µA
6
µA
7
SRST
4
GND
REF
PBR
TIMER
200ms
RESET
GENERATOR
VCC3
6
RST
5
VCC3
RST
1326 BD
VCC3
VCC3
VCC5
POWER
DETECT/
GATE DRIVE
TO POWER
DETECT
LTC1326-2.5
VCC3
INTERNAL
VCC3
SOFT RESET
RESET
TO POWER
DETECT
VCC3
VCC25
3
VCCA
1
VCC3
2
VCC25
8
PBR
7
µA
6
µA
6
µA
7
SRST
4
GND
REF
PBR
TIMER
200ms
RESET
GENERATOR
POWER
DETECT/
GATE DRIVE
VCC3
6
RST
5
VCC3
RST
1326-2.5 BD
VCC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com