Electronic Components Datasheet Search
  English  ▼

X  

LTC1326 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1326
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1326 Datasheet HTML 2Page - Linear Technology LTC1326 Datasheet HTML 3Page - Linear Technology LTC1326 Datasheet HTML 4Page - Linear Technology LTC1326 Datasheet HTML 5Page - Linear Technology LTC1326 Datasheet HTML 6Page - Linear Technology LTC1326 Datasheet HTML 7Page - Linear Technology LTC1326 Datasheet HTML 8Page - Linear Technology LTC1326 Datasheet HTML 9Page - Linear Technology LTC1326 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1326/LTC1326-2.5
132625fc
RST (Pin 6): Reset Logic Output. Active low, open-drain
logic output with weak pull-up to VCC3. Can be pulled up
greater than VCC3 when interfacing to 5V logic. Asserted
when one or more of the supplies are below trip
thresholds and held for 200ms after all supplies become
valid. Also asserted after PBR is held low for more than
2 seconds and for an additional 200ms after PBR is
released.
SRST (Pin 7): Soft Reset. Active low, open-drain logic
output with weak pull-up to VCC3. Can be pulled up
greater than VCC3 when interfacing to 5V logic. Asserted
for 100
µs after PBR is held low for less than 2 seconds
and released.
PBR (Pin 8): Push-Button Reset. Active low logic input
with weak pull-up to VCC3. Can be pulled up greater than
VCC3 when interfacing to 5V logic. When asserted for less
than 2 seconds, outputs a soft reset 100
µs pulse on the
SRST pin. When PBR is asserted for greater than 2
seconds, the RST output is forced low and remains low
until 200ms after PBR is released.
VCC3 (Pin 1): 3.3V Sense Input and Power Supply Pin for
the IC. Bypass to ground with
≥ 0.1µF ceramic capacitor.
VCC5 (Pin 2) (LTC1326): 5V Sense Input. Used as gate
drive for the RST output FET when the voltage on VCC3 is
less than the voltage on VCC5. If unused, it can be tied to
VCC3 (see Dual and Single Supply Monitor Operation in
the Applications Information section).
VCC25 (Pin 2) (LTC1326-2.5): 2.5V Sense Input. Used as
gate drive for RST output FET when the voltage on VCC3
is less than the voltage on VCC25. If unused, it can be tied
to VCC3.
VCCA (Pin 3): 1V Sense, High Impedance Input. Can be
used as a logic input with a 1V threshold. If unused, it can
be tied to either VCC3 or VCC25.
GND (Pin 4): Ground.
RST (Pin 5): Reset Logic Output. Active high CMOS logic
output, drives high to VCC3, buffered complement of RST.
An external pull-down on the RST pin will drive this pin
high.
PIN FUNCTIONS
TYPICAL PERFOR A CE CHARACTERISTICS
Reset Pulse Width
vs Temperature
PBR Assertion Time to Reset
vs Temperature
“Soft” Reset Pulse Width
vs Temperature
TEMPERATURE (
°C)
210
215
220
1326
/2.5 G13
205
200
195
190
225
–60
–20
20
40
–40
0
60
80
100
TEMPERATURE (
°C)
105.0
107.5
110.0
1326
/2.5 G14
102.5
100.0
97.5
95.0
112.5
–60
–20
20
40
–40
0
60
80
100
TEMPERATURE (
°C)
2.10
2.15
2.20
1326
/2.5 G15
2.05
2.00
1.95
1.90
2.25
–60
–20
20
40
–40
0
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com