Electronic Components Datasheet Search
  English  ▼

X  

LTC1326 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1326
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326 Datasheet(HTML) 2 Page - Linear Technology

  LTC1326 Datasheet HTML 1Page - Linear Technology LTC1326 Datasheet HTML 2Page - Linear Technology LTC1326 Datasheet HTML 3Page - Linear Technology LTC1326 Datasheet HTML 4Page - Linear Technology LTC1326 Datasheet HTML 5Page - Linear Technology LTC1326 Datasheet HTML 6Page - Linear Technology LTC1326 Datasheet HTML 7Page - Linear Technology LTC1326 Datasheet HTML 8Page - Linear Technology LTC1326 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1326/LTC1326-2.5
132625fc
A
G
A
U
A
R
BSOLUTEXI
TI
S
Terminal Voltage
VCC3, VCC5, VCC25, VCCA ......................... – 0.5V to 7V
RST, SRST ............................................ – 0.5V to 7V
RST ...................................... – 0.5V to (VCC3 + 0.3V)
PBR .......................................................... – 7V to 7V
Operating Temperature Range
LTC1326C/LTC1326C-2.5 ....................... 0
°C to 70°C
LTC1326I/LTC1326I-2.5 ..................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
1326
1326I
LTBA
LTUH
LTC1326CS8
LTC1326IS8
LTC1326CMS8
LTC1326IMS8
MS8 PART NUMBER
LTC1326CS8-2.5
LTC1326IS8-2.5
LTC1326CMS8-2.5
LTC1326IMS8-2.5
132625
326I25
LTEK
LTUJ
Consult factory for parts specified with wider operating temperature ranges.
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
VCC3
VCC5
VCCA
GND
8
7
6
5
PBR
SRST
RST
RST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VCC3
VCC25
VCCA
GND
PBR
SRST
RST
RST
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
VCC3
VCC25
VCCA
GND
8
7
6
5
PBR
SRST
RST
RST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/W
ORDER PART NUMBER
S8 PART NUMBER
ORDER PART NUMBER
MS8 PART NUMBER
ORDER PART NUMBER
S8 PART NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com