Electronic Components Datasheet Search
  English  ▼

X  

AN3117 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3117
Description  This application note describes how to use the direct memory access
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3117 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3117 Datasheet HTML 14Page - STMicroelectronics AN3117 Datasheet HTML 15Page - STMicroelectronics AN3117 Datasheet HTML 16Page - STMicroelectronics AN3117 Datasheet HTML 17Page - STMicroelectronics AN3117 Datasheet HTML 18Page - STMicroelectronics AN3117 Datasheet HTML 19Page - STMicroelectronics AN3117 Datasheet HTML 20Page - STMicroelectronics AN3117 Datasheet HTML 21Page - STMicroelectronics AN3117 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
DMA programming examples
AN3117
18/28
Doc ID 16846 Rev 4
4
DMA programming examples
All the examples described below use the STM8L05x/STM8L15x/STM8L16x/STM8AL31x/
STM8AL3Lx standard peripheral library and are provided in the firmware package
associated with this application note.
4.1
Memory to peripheral transfer example: transferring
waveform data from Flash memory to DAC
This example uses the DAC peripheral to generate a signal (stored in a Flash memory
buffer) using DMA memory to peripheral mode.
Figure 3.
Transferring data from Flash memory to DAC
The DMA event is provided by the external hardware DAC trigger (TIM4_TRGO). Each time
the external DAC trigger occurs, the DMA transfers data from the Flash memory buffer to the
DAC data holding registers.
Since the DMA is configured in circular mode, the DAC is triggered periodically by TIM4.
The DMA transfer from the Flash memory buffer to the DAC is repeated indefinitely.
The code for this example is provided in the STM8L05x/STM8L15x/STM8L16x/STM8AL31x/
STM8AL3Lx standard peripheral library package.
DAC
DMA1
Channel 3
Data 01 L
Data 02 H
DAC_RDHRH
DAC_RDHRL
Data n H
Data 02 L
Data n L
DMA
source
DMA
destination
DAC_OUT
DAC_trigger
System
bus
Program bus
ai17418
Data 01 H
DMA1 bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com