Electronic Components Datasheet Search
  English  ▼

X  

LTC1063 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1063
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1063 Datasheet HTML 3Page - Linear Technology LTC1063 Datasheet HTML 4Page - Linear Technology LTC1063 Datasheet HTML 5Page - Linear Technology LTC1063 Datasheet HTML 6Page - Linear Technology LTC1063 Datasheet HTML 7Page - Linear Technology LTC1063 Datasheet HTML 8Page - Linear Technology LTC1063 Datasheet HTML 9Page - Linear Technology LTC1063 Datasheet HTML 10Page - Linear Technology LTC1063 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1063
7
1063fa
PI FU CTIO S
Power Supply Pins (Pins 6, 3, N Package)
The positive and negative supply pin should be bypassed
with a high quality 0.1
µFceramiccapacitor.Inapplications
where the clock pin (5) is externally swept to provide
several cutoff frequencies, the output DC offset variation
is minimized by connecting an additional 1
µF solid tanta-
lum capacitor in parallel with the 0.1
µF disc ceramic. This
technique was used to generate the graphs of the output
DC offset variation versus clock; they are illustrated in the
Typical Performance Characteristics section.
When the power supply voltage exceeds
±7V, and when V–
is applied before V+, if V+ is allowed to go below ground,
connect a signal diode between the positive supply pin and
ground to prevent latch-up (see Typical Applications).
Ground Pin (Pin 2, N Package)
The ground pin merges the internal analog and digital
ground paths. The potential of the ground pin is the
reference for the internal switched-capacitor resistors,
and the reference for the external clock. The positive input
of the internal op amp is also tied to the ground pin.
For dual supply operation, the ground pin should be
connected to a high quality AC and DC ground. A ground
plane, if possible, should be used. A poor ground will
degrade DC offset and it will increase clock feedthrough,
noise and distortion.
A small amount of AC current flows out of the ground pin
whether or not the internal oscillator is used. The fre-
quency of the ground current equals the frequency of the
internal or external clock. The average value of this current
is approximately 55
µA, 110µA, 170µA for ±2.5V, ±5V and
±7.5V supplies respectively.
For single supply operation, the ground pin should be
preferably biased at half supply (see Typical Applications).
VOS Adjust Pin (Pin 8, N Package)
The VOS adjust pin can be used to trim any small amount
of output DC offset voltage or to introduce a desired output
DC level. The DC gain from the VOS adjust pin to the filter
output pin equals two.
Any DC voltage applied to this pin will reflect at the output
pin of the filter multiplied by two.
If the VOS adjust pin is not used, it should be shorted to the
ground pin. The DC bias current flowing into the VOS adjust
pin is typically 10pA.
Pin 8 should always be connected to an AC ground; AC
signals applied to this pin will degrade the filter response.
Input Pin (Pin 1, N Package)
Pin 1 is the filter input and it is connected to an internal
switched-capacitor resistor. If the input pin is left floating,
the filter output will saturate. The DC input impedance of
pin 1 is very high; with
±5V supplies and 1MHz clock, the
DC input impedance is typically 1G
Ω. A resistor, RIN, in
series, with the input pin will not alter the value of the
filter’s DC output offset (Figure 1). RIN should, however,
be limited to a maximum value (Table 1), otherwise the
filter’s passband flatness will be affected. Refer to the
Applications Information section for more details.
VIN
VOUT
1063 F01
V–
V+
RIN 1
2
3
4
8
7
6
5
LTC1063
fCLK
Table 1. RIN(MAX) vs Clock and Power Supply
RIN(MAX)
VS = ±7.5V
VS = ±5V
VS = ±2.5V
fCLK = 4MHz
2.2k
–
–
fCLK = 3MHz
3.4k
2.9k
–
fCLK = 2MHz
5.5k
5k
2.7k
fCLK = 1MHz
11k
11k
9.2k
fCLK = 500kHz
24k
23k
21k
fCLK = 100kHz
120k
120k
110k
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com