Electronic Components Datasheet Search
  English  ▼

X  

LTC1063 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1063
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063 Datasheet(HTML) 1 Page - Linear Technology

  LTC1063 Datasheet HTML 1Page - Linear Technology LTC1063 Datasheet HTML 2Page - Linear Technology LTC1063 Datasheet HTML 3Page - Linear Technology LTC1063 Datasheet HTML 4Page - Linear Technology LTC1063 Datasheet HTML 5Page - Linear Technology LTC1063 Datasheet HTML 6Page - Linear Technology LTC1063 Datasheet HTML 7Page - Linear Technology LTC1063 Datasheet HTML 8Page - Linear Technology LTC1063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1063
1
1063fa
VIN**
–5V
*19.1k
5V
0.1
µF
VOUT
1063 TA01
SELF-CLOCKING SCHEME
IF THE INPUT VOLTAGE CAN EXCEED V+,
CONNECT A SIGNAL DIODE BETWEEN PIN 1 AND V+.
*
**
0.1
µF
200pF*
1
2
3
4
8
7
6
5
LTC1063
The LTC
®1063 is the first monolithic filter providing both
clock-tunability, low DC output offset and over 12-bit DC
accuracy. The frequency response of the LTC1063 closely
approximates a 5th order Butterworth polynomial. With
appropriate PCB layout techniques the output DC offset is
typically 1mV and is constant over a wide range of clock
frequencies. With
±5V supplies and ±4V input voltage
range, the CMR of the device is 80dB.
The filter cutoff frequency is controlled either by an inter-
nal or external clock. The clock-to-cutoff frequency ratio is
100:1. The on-board clock is power supply independent,
and it is programmed via an external RC. The 50
µVRMS
clock feedthrough is considerably reduced over existing
monolithic filters.
The LTC1063 wideband noise is 95
µVRMS, and it can
process large AC input signals with low distortion. With
±7.5V supplies, for instance, the filter handles up to
4VRMS (92dB S/N ratio) while the standard 1kHz THD is
below 0.02%; 80dB dynamic ranges (S/N +THD) is ob-
tained with input levels between 1VRMS and 2.3VRMS.
The LTC1063 is available in 8-pin miniDIP and 16-pin SO
wide packages. For a linear phase response, see LTC1065
data sheet.
■ Audio
■ Strain Gauge Amplifiers
■ Anti-Aliasing Filters
■ Low Level Filtering
■ Digital Voltmeters
■ 60Hz Lowpass Filters
■ Smoothing Filters
■ Reconstruction Filters
■ Clock-Tunable Cutoff Frequency
■ 1mV DC Offset (Typical)
■
80dB CMRR (Typical)
■ Internal or External Clock
■ 50
µVRMS Clock Feedthrough
■
100:1 Clock-to-Cutoff Frequency Ratio
■ 95
µVRMS Total Wideband Noise
■ 0.01% THD at 2VRMS Output Level
■
50kHz Maximum Cutoff Frequency
■ Cascadable for Faster Roll-Off
■ Operates from
±2.375 to ±8V Power Supplies
■
Self-Clocking with 1 RC
■ Available in 8-Pin DIP and 16-Pin SO Wide Packages
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
FEATURES
DC Accurate, Clock-Tunable
5th Order Butterworth
Lowpass Filter
2.5kHz 5th Order Lowpass Filter
Frequency Response
FREQUENCY (kHz)
1
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1063 TA02
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
logo
Analog Devices
LTC1063 AD-LTC1063 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
REV A
LTC1063 AD-LTC1063 Datasheet
256Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
REV B
LTC1063 AD-LTC1063 Datasheet
272Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
REV A
logo
Linear Technology
LTC1063CJ8 LINER-LTC1063CJ8 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results

Similar Description - LTC1063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
5th Order Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
5th Order Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
5th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com