Electronic Components Datasheet Search
  English  ▼

X  

LTC1063 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1063
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1063 Datasheet HTML 2Page - Linear Technology LTC1063 Datasheet HTML 3Page - Linear Technology LTC1063 Datasheet HTML 4Page - Linear Technology LTC1063 Datasheet HTML 5Page - Linear Technology LTC1063 Datasheet HTML 6Page - Linear Technology LTC1063 Datasheet HTML 7Page - Linear Technology LTC1063 Datasheet HTML 8Page - Linear Technology LTC1063 Datasheet HTML 9Page - Linear Technology LTC1063 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1063
6
1063fa
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL POWER SUPPLY VOLTAGE (V)
0
10
9
8
7
6
5
4
3
2
1
0
16
1063 G15
4
8
12
20
6
10
14
18
2
–40
°C
85
°C
25
°C
INPUT FREQUENCY (kHz)
0
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4
812
16
1063 G14
20
24
26
10
14
18
22
VS = ± 7.5V
VIN = 1VRMS
fCLK = 2MHz
fC = 20kHz
INPUT FREQUENCY (Hz)
100
1
0
–1
–2
–3
–4
–5
–6
1k
10k
100k
1063 G13
0
–20
–60
–100
–140
–180
–220
–260
±2.5V ≤ VS ≤ ±7.5V, TA = 25°C
B
A
A
B
PHASE
PHASE
fCLK=100kHz
fC=1kHz
fCLK=1MHz
fC=10kHz
Transient Response
HORIZONTAL: 0.1ms/DIV, VERTICAL: 2V/DIV
VS = ±5V, fC = 10kHz, VIN = 1kHz ±3VP
SQUARE WAVE
1063 G16
Passband Gain and Phase
vs Input Frequency
Phase Matching
Power Supply Current vs
Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com