Electronic Components Datasheet Search
  English  ▼

X  

LTC1411 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1411
Description  Single Supply 14-Bit 2.5Msps ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1411 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1411 Datasheet HTML 8Page - Linear Technology LTC1411 Datasheet HTML 9Page - Linear Technology LTC1411 Datasheet HTML 10Page - Linear Technology LTC1411 Datasheet HTML 11Page - Linear Technology LTC1411 Datasheet HTML 12Page - Linear Technology LTC1411 Datasheet HTML 13Page - Linear Technology LTC1411 Datasheet HTML 14Page - Linear Technology LTC1411 Datasheet HTML 15Page - Linear Technology LTC1411 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1411
1411f
APPLICATIO S I FOR ATIO
Figure 12. LTC1411 Bipolar Transfer Characteristics
(2’s Complement)
Figure 11b. CONVST Starts a Conversion with a Short Active High Pulse
Figure 11a. CONVST Starts a Conversion with a Short Active Low Pulse
Figure 13. Offset and Full-Scale Adjustment
DATA N
DB13 TO DB0
DATA (N + 1)
DB13 TO DB0
DATA (N – 1)
DB13 TO DB0
CONVST
BUSY
1411 F11a
t2
tCONV
t3
tACQ
t4
DATA
(SAMPLE N)
DATA (N – 1)
DB13 TO DB0
(SAMPLE N)
CONVST
BUSY
1411 F11b
tCONV
t3
t5
t4
DATA N
DB13 TO DB0
DATA (N + 1)
DB13 TO DB0
DATA
t3
t5
tACQ
INPUT VOLTAGE (V)
2.5V
–1
LSB
1411 F12
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
1LSB =
=
= 219.7
µV
3.6V
16384
FS
16384
R7
51
Ω
R1
51
Ω
R3
51k
R2
10k
OFFSET
ADJUST
FULL-SCALE
ADJUST
5V
R4
100k
R5
750
Ω
R6
100k
5V
AIN
+
AIN
–
LTC1411
REFIN
1411 F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com