Electronic Components Datasheet Search
  English  ▼

X  

LTC1411 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1411
Description  Single Supply 14-Bit 2.5Msps ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1411 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1411 Datasheet HTML 2Page - Linear Technology LTC1411 Datasheet HTML 3Page - Linear Technology LTC1411 Datasheet HTML 4Page - Linear Technology LTC1411 Datasheet HTML 5Page - Linear Technology LTC1411 Datasheet HTML 6Page - Linear Technology LTC1411 Datasheet HTML 7Page - Linear Technology LTC1411 Datasheet HTML 8Page - Linear Technology LTC1411 Datasheet HTML 9Page - Linear Technology LTC1411 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1411
1411f
TYPICAL PERFOR A CE CHARACTERISTICS
Acquisition Time
vs Source Resistance
4096 Points FFT Plot (1MHz)
FREQUENCY (kHz)
0
–40
–20
0
1000
1411 G15
–60
–80
250
500
750
1250
–100
–120
–140
SINAD = 75dB
SFDR = 81dB
fSAMPLE = 2.5MHz
fIN = 1MHz
SOURCE RESISTANCE (
Ω)
1
1
10
10000
1411 G16
0.1
0.01
10
100
1000
100000
100
AIN+ (Pin 1): Positive Analog Input. The ADC converts the
difference voltage between AIN+ and AIN– with program-
mable input ranges of
±1.8V, ±1.27V, ±0.9V and ±0.64V
depending on PGA selection. AIN+ has common mode
range between 0V and VDD.
AIN– (Pin 2): Negative Analog Input. This pin can be tied
to the REFOUT pin of the ADC or tied to an external DC
voltage. This voltage is also the bipolar zero for the ADC.
AIN– has common mode range between 0V and VDD.
REFOUT (Pin 3): 2.5V Reference Output. Bypass to AGND1
with a 22
µF tantalum capacitor if REFOUT is tied to AIN–.
No capacitor is needed if the external reference is used to
drive AIN–.
REFIN (Pin 4): Reference Buffer Input. This pin can be
tied to REFOUT or to an external reference if more
precision is required.
REFCOM1 (Pin 5): Noise Reduction Pin. Put a 10
µF
bypass capacitor at this pin to reduce the noise going into
the reference buffer.
REFCOM2 (Pin 6): 4.05V Reference Compensation Pin.
Bypass to AGND1 with a 10
µF tantalum capacitor in
parallel with a 0.1
µF ceramic.
PI FU CTIO S
AGND (Pins 7 to 9): Analog Ground. AGND1 is the ground
for the reference. AGND2 is the ground for the comparator
and AGND3 is the ground for the remaining analog
circuitry.
AVP (Pin 10): 5V Analog Power Supply. Bypass to AGND
with a 10
µF tantalum capacitor.
AVM (Pin 11): Analog and Digital Substrate Pin. Tie this
pin to AGND.
D13 to D0 (Pins 12 to 25): Digital Data Outputs. D13 is the
MSB (Most Significant Bit).
OTR (Pin 26): Out-of-the-Range Pin. This pin can be used
in conjunction with D13 to determine if a signal is less than
or greater than the analog input range. If D13 is low and
OTR is high, the analog input to the ADC exceeds the
maximum voltage of the input range.
BUSY (Pin 27): Busy Output. Converter status pin. It is
low during conversion.
OGND (Pin 28): Digital Ground for Output Drivers (Data
Bits, OTR and BUSY).
OVDD (Pin 29): 3V or 5V Digital Power Supply for Output
Drivers (Data Bits, OTR and BUSY). Bypass to OGND with
a 10
µF tantalum capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com