Electronic Components Datasheet Search
  English  ▼

X  

AN3955 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 7Page - STMicroelectronics AN3955 Datasheet HTML 8Page - STMicroelectronics AN3955 Datasheet HTML 9Page - STMicroelectronics AN3955 Datasheet HTML 10Page - STMicroelectronics AN3955 Datasheet HTML 11Page - STMicroelectronics AN3955 Datasheet HTML 12Page - STMicroelectronics AN3955 Datasheet HTML 13Page - STMicroelectronics AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
AN3955
Overview
Doc ID 022017 Rev 1
11/68
3
Overview
3.1
CR95HF overview
The CR95HF is a Radio Frenquency (RF) transceiver Integrated Circuit (IC) for 13.56 MHz
contactless tags, which includes ISO/IEC 14443, ISO/IEC 15693 and ISO/IEC 18092
protocols. It manages the RF communication with Radio Frequency Identification (RFID) or
Near Field Communication (NFC) tags. It includes trame coding, RF modulation and
contactless tag response decoding.
The CR95HF is a slave device and must be controlled by a host (Microcontroller Unit). This
library is an interface between user application function and standard peripheral driver.
The library was written in compliance with ANSI C standards.
Figure 1 describes a typical application block diagram.
Figure 1.
Typical application block diagram
For more details concerning the CR95HF, please refer to CR95HF datasheet.
3.2
ISO/IEC 14443-3 overview
The ISO/IEC 14443-3 is a standard, which specifies two different RF protocols (Type A and
Type B). It describes low-level functions allowing to handle one ore more contactless tags.
As an example, the ISO/IEC 14443-3 commands can be used to read the Unique Identifier
(UID) or to perform anti-collision.
The higher level commands to read or write the user memory of contactless tags are not
described in ISO/IEC 14443-3 specifications. These commands are defined in the
contactless datasheet. For instance, the SRIX4K datasheet defines Read, Write and other
specific commands.
For more information about Read, Write or other commands, refer to the SRIX4K datasheet.
Since the frames coding specified by ISO/IEC 14443 Type A differ from Type B, the CR95HF
cannot communicate with an ISO/IEC 14443 Type A and an ISO/IEC 14443 Type B
contactless tag at the same time.
AI18873a
ISO15693 RF
MCU
CR95HF
Contactless tag
CR95HF
library
14443 type A
Or
14443 type B
13,56 MHz RF commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com