Electronic Components Datasheet Search
  English  ▼

X  

AN3955 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 32Page - STMicroelectronics AN3955 Datasheet HTML 33Page - STMicroelectronics AN3955 Datasheet HTML 34Page - STMicroelectronics AN3955 Datasheet HTML 35Page - STMicroelectronics AN3955 Datasheet HTML 36Page - STMicroelectronics AN3955 Datasheet HTML 37Page - STMicroelectronics AN3955 Datasheet HTML 38Page - STMicroelectronics AN3955 Datasheet HTML 39Page - STMicroelectronics AN3955 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
ISO/IEC 14443-3 layers
AN3955
36/68
Doc ID 022017 Rev 1
The ISO14443_IsCorrectBCC function returns RESULTOK if the XOR of Data is equal to
BCC
. Otherwise, the ISO14443_IsCorrectBCC function returns ERRORCODE_GENERIC.
Table 50 describes the ISO14443A_IsCorrectBCC function.
Table 50.
ISO14443A_IsCorrectBCC function description
5.1.10
ISO/IEC 14443-3 Type A GET functions
The ISO14443A_GetSignificantBit function returns the number of significant bits of
the first byte. This information is extracted from the control bytes of the CR95HF response.
Table 51 describes the ISO14443A_GetSignificantBit function.
Table 51.
ISO14443A_GetSignificantBit function description
The ISO14443A_GetFirtsCollisionByte function returns the index of the first byte
where the collision is detected. This information is extracted from the control bytes of
CR95HF. Table 52 describes the ISO14443A_GetFirstCollisionByte function.
Table 52.
ISO14443A_GetFirstCollisionByte function description
Prototype
int8_t ISO14443A_IsCorrectBCC (uint8_t NbByte,
uint8_t*Data, uint8_t BCC);
Input parameter
NbByte: Number of bytes of Data
Data: Data to check (without BCC byte)
BCC: BCC byte of contactless tag response
Output parameter
None
Return parameter
RESULTOK: BCC byte is equal to the XOR of Data.
ERRORCODE_GENERIC: BCC byte is different to XOR of Data.
Prototype
int8_t ISO14443A_GetSignificantBit (uc8*CR95HF
ControlByteIndex);
Input parameter
CR95HFControlByteIndex: Pointer of the CR95HF control bytes (3
bytes)(1).
1.
Three control bytes are appended by CR95HF to contactless tag response. Refer to Table 12: CR95HF
success response value for ISO/IEC 14443-3 Type A.
Output parameter
None
Return parameter
Number of significant bit of the first byte
Prototype
int8_t ISO14443A_GetFirstCollisionByte (uc8*CR95HF
ControlByteIndex);
Input parameter
CR95HFControlByteIndex: Pointer of the CR95HF control bytes (3
bytes)(1).
1.
Three control bytes are appended by CR95HF to contactless tag response. Refer to Table 12: CR95HF
success response value for ISO/IEC 14443-3 Type A.
Output parameter
None
Return parameter
Index of the first byte where the collision is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com