Electronic Components Datasheet Search
  English  ▼

X  

AN3955 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 12Page - STMicroelectronics AN3955 Datasheet HTML 13Page - STMicroelectronics AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics AN3955 Datasheet HTML 18Page - STMicroelectronics AN3955 Datasheet HTML 19Page - STMicroelectronics AN3955 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
CR95HF low level layer
AN3955
16/68
Doc ID 022017 Rev 1
4.4
IDN function
The CR95HF_IDN function sends an IDN command to the CR95HF device.
4.5
ECHO function
The CR95HF_Echo function sends an ECHO command to the CR95HF device.
4.6
ProtocolSelect function
The CR95HF_ProtocolSelect function sends a ProtocolSelect command to the CR95HF
device.
To set up communications with a contactless tag, the ProtocolSelect command must be sent
to the CR95HF before the SendRecv commands.
The Data input parameter depends on the selected protocol. This application note applies to
ISO/IEC 14443-3 Type A and ISO/IEC 14443-3 Type B products.
Table 4.
CR95HF_IDN function description
Prototype
result = int8_t CR95HF_IDN (uint8_t *pResponse)
Input parameter
None
Output parameter
pResponse: Pointer to CR95HF response
Return parameter
CR95HF_SUCCESS_CODE: Function is successful.
Table 5.
CR95HF_Echo function description
Prototype
result = int8_t CR95HF_Echo (uint8_t *pResponse)
Input parameter
None
Output parameter
pResponse: Pointer to CR95HF response
Return parameter
CR95HF_SUCCESS_CODE: Function is successful.
Table 6.
CR95HF_ProtocolSelect function description
Prototype
result = int8_t CR95HF_ProtocolSelect(uc8
Length,uc8 Protocol,uc8 *Data,uint8_t *pResponse)
Input parameter
Length: Number of data bytes
Protocol: Type of protocol(1)
Data input: Pointer to data
1.
ISO/IEC 15693, ISO/IEC 18092, ISO/IEC 14443-3 Type A or Type B RF protocols.
Output parameter
pResponse: Pointer to CR95HF response
Return parameter
CR95HF_ERRORCODE_PARAMETER: Function failed
CR95HF_SUCCESS_CODE: Function is successful.
CR95HF_ERRORCODE_PARAMETERLENGTH: Parameter length is
incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com