Electronic Components Datasheet Search
  English  ▼

X  

LTC2908 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2908 Datasheet HTML 10Page - Linear Technology LTC2908 Datasheet HTML 11Page - Linear Technology LTC2908 Datasheet HTML 12Page - Linear Technology LTC2908 Datasheet HTML 13Page - Linear Technology LTC2908 Datasheet HTML 14Page - Linear Technology LTC2908 Datasheet HTML 15Page - Linear Technology LTC2908 Datasheet HTML 16Page - Linear Technology LTC2908 Datasheet HTML 17Page - Linear Technology LTC2908 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2908
18
2908fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0210 REV D • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65 Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65 Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Pushbutton Reset
4.37V/4.62V Threshold
LTC1326/LTC1326-2.5
Micropower Precision Triple Supply Monitor for 5V/2.5V, 3.3V and ADJ 4.725V, 3.118V, 1V Threshold (±0.75%)and ADJ
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1726-2.5/LTC1726-5
Micropower Triple Supply Monitor for 2.5V/5V, 3.3V and ADJ
Adjustable Reset and Watchdog Time-Outs
LTC1727-2.5/LTC1727-5
Micropower Triple Supply Monitor with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728-1.8/LTC1728-3.3 Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1728-2.5/LTC1728-5
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985-1.8
Micropower Triple Supply Monitor with Push-Pull Reset Output
5-Lead SOT-23 Package
LTC2900
Programmable Quad Supply Monitor
Adjustable Reset, 10-Lead MSOP and DFN Packages
LTC2901
Programmable Quad Supply Monitor
Adjustable Reset and Watchdog Timer,
16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable Reset and Tolerance,
16-Lead SSOP Package
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package
LTC2904
Three-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 and DFN Packages
LTC2905
Three-State Programmable Precision Dual Supply Monitor
Adjustable Reset and Tolerance, 8-Lead SOT-23 and
DFN Packages
LTC2906
Dual Supply Monitor with One Pin Selectable Threshold and
One Adjustable Input
0.5V Adjustable Threshold and Three Supply
Tolerances, 8-Lead SOT-23 and DFN Packages
LTC2907
Dual Supply Monitor with One Pin Selectable Threshold and
One Adjustable Input
0.5V Adjustable Threshold, Reset and Three Supply
Tolerances, 8-Lead SOT-23 and DFN Packages
LTC2909
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
Shunt Regulated VCC Pin, Adjustable Threshold and
Reset, 8-Lead SOT-23 and DFN Packages
Six Supply Monitor with Manual Reset Button, 5% Tolerance, 12V, 5V, 3.3V, 2.5V, 1.8V, 1.5V
RST
R1
182k
C1
0.1μF
C2
0.1μF
V1
V2 V3 V4
GND
LTC2908-A1
VADJ1
12V (VTRIP = 11.25V)
5V (VTRIP = 4.675V)
3.3V (VTRIP = 3.086V)
2.5V (VTRIP = 2.338V)
1.8V (VTRIP = 1.685V)
1.5V (VTRIP = 1.410V)
*OPTIONAL RESISTOR RECOMMENDED
TO EXTEND ESD TOLERANCE
2908 TA04
R2
100k
DC/DC
DC/DC
DC/DC
DC/DC
DC/DC
SYSTEM
MANUAL
RESET BUTTON
(NORMALLY OPEN)
R3
2.15M
VADJ2
R5*
10k
R4
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com