Electronic Components Datasheet Search
  English  ▼

X  

LTC2908 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2908 Datasheet HTML 2Page - Linear Technology LTC2908 Datasheet HTML 3Page - Linear Technology LTC2908 Datasheet HTML 4Page - Linear Technology LTC2908 Datasheet HTML 5Page - Linear Technology LTC2908 Datasheet HTML 6Page - Linear Technology LTC2908 Datasheet HTML 7Page - Linear Technology LTC2908 Datasheet HTML 8Page - Linear Technology LTC2908 Datasheet HTML 9Page - Linear Technology LTC2908 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2908
6
2908fd
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.
V1 (V)
0
3.0
4.0
5.0
4
2908 G13
2.0
1.0
0
1
2
3
5
V1 = V2 (A1/B1)
V3 = 2.5V (A1)/V3 = 1.8V (B1)
V4 = 1.8V (A1)/V4 = 1.5V (B1)
VADJ1 = VADJ2 = VADJ3 =
VADJ4 = VADJ5 = 0.55V
VRT25
LTC2908-C1
VRT50
LTC2908-A1
VRT33
LTC2908-B1
V1 (V)
0
0.2
V2 = GND
V2 = V1
0.3
0.8
2908 G14
0.1
0
0.2
0.4
0.6
0.4
V3 = V4 = VADJ1 =
VADJ2 = GND (A1/B1)
VADJ1 = VADJ2 = VADJ3 =
VADJ4 = VADJ5 = GND (C1)
V1 = INPUT
SUPPLY VOLTAGE, VCC (V)
0
2
4
1
3
5
6
12
3
4
2908 G15
5
0
RST AT
150mV
RST AT
50mV
VCC = V1 = V2
V3 = 2.5V (A1)/V3 = 1.8V (B1)
V4 = 1.8V (A1)/V4 = 1.5V (B1)
VADJ1 =VADJ2 = 0.55V
VRT33
LTC2908-B1
VRT50
LTC2908-A1
SUPPLY VOLTAGE VCC (V)
0
1.5
2.0
2.5
1.5
2.5
2928 G25
1.0
0.5
0
0.5
1.0
2.0
3.0
3.5
4.0
VCC = V1
VADJ1 =VADJ2 =VADJ3 =
VADJ4 =VADJ5 = 0.55V
VRT25
LTC2908-C1
RST AT 150mV
RST AT 50mV
SUPPLY VOLTAGE, VCC (V)
0.01
0.1
1
10
0
0.4
0.6
0.8
0.001
0.2
1
2908 G16
VCC = V1 = V2
V3 = V4 = VADJ1 = VADJ2 = GND
RST AT 150mV
RST AT 50mV
SUPPLY VOLTAGE, VCC (V)
0.01
0.1
1
10
0
0.4
0.6
0.8
0.001
0.2
1
2908 G17
VCC = V1
V2 = V3 = V4 = VADJ1 = VADJ2 =
VADJ3 = VADJ4 = VADJ5 = GND
RST AT 150mV
RST AT 50mV
RST PULL-DOWN CURRENT, IRST (mA)
0
0.7
15
2908 G18
0.4
0.2
510
20
0.1
0
0.8
0.6
0.5
0.3
25
30
35
V1 = 5.0V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
VADJ1 = VADJ2 = 0.4V
85°C
–40°C
25°C
RST PULL-DOWN CURRENT, IRST (mA)
0
0.7
15
2908 G19
0.4
0.2
510
20
0.1
0
0.8
0.6
0.5
0.3
25
V1 = 3.3V
V2 = 2.5V
V3 = 1.8V
V4 = 1.5V
VADJ1 = VADJ2 = 0.4V
85°C
–40°C
25°C
25°C
RST PULL-DOWN CURRENT, IRST (mA)
0.0
0.00
0.20
0.40
0.60
0.80
1.0
1.20
5.0
10.0
15.0
20.0
2908 G23
25.0
V1 = 2.5V
VADJ1 = VADJ2 = VADJ3 =
VADJ4 = VADJ5 = 0.4V
85°C
–40°C
RST Output Voltage vs V1 with
10k Pull-Up Resistor to V1
RST Output Voltage vs V1 with
10k Pull-Up Resistor to V1
RST Pull-Down Current vs
Supply Voltage
LTC2908-A1/LTC2908-B1
RST Pull-Down Current vs
Supply Voltage with 1 Input
RST Pull-Down Current vs
Supply Voltage
LTC2908-C1
RST Pull-Down Current vs
Supply Voltage with 2 Inputs
LTC2908-A1/LTC29089-B1
RST Output Voltage Low vs
RST Pull-Down Current
LTC2908-A1
RST Output Voltage Low vs
RST Pull-Down Current
LTC2908-B1
RST Output Voltage Low vs
RST Pull-Down Current
LTC2908-C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com