Electronic Components Datasheet Search
  English  ▼

X  

LTC2908 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 3 Page - Linear Technology

  LTC2908 Datasheet HTML 1Page - Linear Technology LTC2908 Datasheet HTML 2Page - Linear Technology LTC2908 Datasheet HTML 3Page - Linear Technology LTC2908 Datasheet HTML 4Page - Linear Technology LTC2908 Datasheet HTML 5Page - Linear Technology LTC2908 Datasheet HTML 6Page - Linear Technology LTC2908 Datasheet HTML 7Page - Linear Technology LTC2908 Datasheet HTML 8Page - Linear Technology LTC2908 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2908
3
2908fd
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
l
4.600
4.675
4.750
V
VRT33
3.3V, 5% Reset Threshold
V2 Input Threshold
l
3.036
3.086
3.135
V
VRT25
2.5V, 5% Reset Threshold
V3 Input Threshold
l
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V4 Input Threshold
l
1.656
1.683
1.710
V
VRTADJ
ADJ, 5% Reset Threshold
VADJ1, VADJ2 Input Threshold
l
0.492
0.500
0.508
V
(LTC2908-A1) The
l denotes specifications which apply over the full
operating temperature range, otherwise specifications are TA = 25°C, VCC = 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT33
3.3V, 5% Reset Threshold
V1 Input Threshold
l
3.036
3.086
3.135
V
VRT25
2.5V, 5% Reset Threshold
V2 Input Threshold
l
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V3 Input Threshold
l
1.656
1.683
1.720
V
VRT15
1.5V, 5% Reset Threshold
V4 Input Threshold
l
1.380
1.403
1.425
V
VRTADJ
ADJ, 5% Reset Threshold
VADJ1, VADJ2 Input Threshold
l
0.492
0.500
0.508
V
(LTC2908-B1) The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are
TA = 25°C, VCC = 3.3V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT25
2.5V, 5% Reset Threshold
V1 Input Threshold
l
2.300
2.338
2.375
V
VRTADJ
ADJ, 5% Reset Threshold
VADJ1, VADJ2, VADJ3, VADJ4, VADJ5,
Input Threshold
l
0.492
0.500
0.508
V
(LTC2908-C1) The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are
TA = 25°C, VCC = 2.5V unless otherwise noted. (Note 2)
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V
for the LT2908-A1, VCC = 3.3V for the LTC2908-B1or VCC = 2.5V for the LTC2908-C1, unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Internal Supply Voltage
RST in Correct Logic State
l
0.5
6
V
IV1
V1 Input Current (Note 4)
V1 = 5.0V (LTC2908-A1)
V1 = 3.3V (LTC2908-B1)
V1 = 2.5V (LTC2908-C1)
l
l
l
26
24
22
70
70
70
μA
μA
μA
IV2
V2 Input Current (Note 4)
V2 = 3.3V (LTC2908-A1)
V2 = 2.5V (LTC2908-B1)
l
l
10
8
30
30
μA
μA
IV3
V3 Input Current
V3 = 2.5V (LTC2908-A1)
V3 = 1.8V (LTC2908-B1)
l
l
2
2
5
5
μA
μA
IV4
V4 Input Current
V4 = 1.8V (LTC2908-A1)
V4 = 1.5V (LTC2908-B1)
l
l
2
2
5
5
μA
μA
IVADJ
VADJ1, VADJ2, VADJ3, VADJ4, VADJ5
Input Current
VADJ1 = VADJ2 = VADJ3 = VADJ4 = VADJ5 =
0.55V
l
±15
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com