Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology LTC2909 Datasheet HTML 10Page - Linear Technology LTC2909 Datasheet HTML 11Page - Linear Technology LTC2909 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2909
8
2909fb
APPLICATIO S I FOR ATIO
The LTC2909 is a low power, high accuracy dual/triple
supply monitor with two adjustable inputs and an ac-
curate UVLO. Reset timeout may be selected with an
external capacitor, set to an internally generated 200ms,
or disabled entirely.
The three-state polarity select pin (SEL) chooses one of
three possible polarity combinations for the adjustable input
thresholds, as described in Table 1. Both input voltages
(VADJ1 and VADJ2) must be valid (above threshold if con-
figured for positive polarity, below threshold if configured
for negative polarity), and VCC above the UVLO threshold
for the reset timeout before ⎯R⎯S⎯T is released. The LTC2909
asserts the reset output during power-up, power-down and
brownout conditions on any of the voltage inputs.
Power-Up
The LTC2909 uses proprietary low voltage drive circuitry
for the ⎯R⎯S⎯T pin which holds ⎯R⎯S⎯T low with as little as
200mV of VCC. This helps prevent an unknown voltage
on the ⎯R⎯S⎯T line during power-up.
In applications where the low voltage pull-down capabil-
ity is important, the supply to which the external pull-up
resistor connects should be the same supply which powers
the part. Using the same supply for both ensures that ⎯R⎯S⎯T
never floats above 200mV during power-up, as the pull-
down ability of the pin will then increase as the required
pull-down current to maintain a logic low increases.
Once VCC passes the UVLO threshold, polarity selection
and timer initialization will occur. If the monitored supplies
(ADJ1 and ADJ2) are valid, the appropriate timeout delay
will begin, after which ⎯R⎯S⎯T will be released. Otherwise, the
part will wait until all supplies are valid (including VCCabove
the UVLO threshold) before beginning the timeout.
Power-Down
On power-down, once VCCdropsbelowtheUVLOthreshold
or either VADJ becomes invalid, ⎯R⎯S⎯T asserts logic low. VCC
of at least 0.5V guarantees a logic low of 0.15V at ⎯R⎯S⎯T.
Shunt Regulator
The LTC2909 contains an internal 6.5V shunt regulator on
the VCCpintoallowoperationfromahighvoltagesupply.To
operate the part from a supply higher than 6V, the VCC pin
must have a series resistor, RCC, to the supply. This resistor
should be sized according to the following equation:
VV
mA
R
VV
µA I
SMAX
CC
SMIN
VRE
()
(
)
–.
–.
62
10
68
200
≤≤
+
FF
where VS(MIN) and VS(MAX) are the operating minimum and
maximum of the supply, and IVREF is the maximum current
the user expects to draw from the reference output.
As an example, consider operation from an automobile bat-
tery which might dip as low as 10V or spike to 60V. Assume
that the user will be drawing 100μA from the reference. We
must then pick a resistance between 5.4k and 10.7k.
When the VCC pin is connected to a low impedance supply,
it is important that the supply voltage never exceed 6V,
or the shunt regulator may begin to draw large currents.
Some supplies may have nominal value sufficiently close
to the shunt regulation voltage to prevent sizing of the
resistor according to the above equation. For such sup-
plies, a 470Ω series resistor may be used.
Polarity Selection
The external connection of the SEL pin selects the polarities
of the LTC2909 adjustable inputs. SEL may be connected to
GND, connected to VCC or left unconnected during normal
operation. When left unconnected, the maximum leakage
allowable from the pin to either GND or VCC is 10μA. Table 1
shows the three possible selections of polarity based on
SEL connection.
Table 1. Voltage Threshold Selection
ADJ1 INPUT
ADJ2 INPUT
SEL
Positive Polarity
(+) UV or (–) OV
Positive Polarity
(+) UV or (–) OV
VCC
Positive Polarity
(+) UV or (–) OV
Negative Polarity
(–) UV or (+) OV
Open
Negative Polarity
(–) UV or (+) OV
Negative Polarity
(–) UV or (+) OV
Ground
Note: Open = open circuit or driven by a three-state buffer in high impedance
state with leakage current less than 10μA.
If the user’s application requires, the SEL pin may be driven
using a three-state buffer which satisfies the VIL, VIH and
leakage of the three-state pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com