Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology LTC2909 Datasheet HTML 10Page - Linear Technology LTC2909 Datasheet HTML 11Page - Linear Technology LTC2909 Datasheet HTML 12Page - Linear Technology LTC2909 Datasheet HTML 13Page - Linear Technology LTC2909 Datasheet HTML 14Page - Linear Technology LTC2909 Datasheet HTML 15Page - Linear Technology LTC2909 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2909
12
2909fb
For a positive-monitoring application, RP2 is then chosen
by:
RP2 = RP1(2VTRIP – 1)
For a negative-monitoring application:
RN2 = RN1(1 – 2VTRIP)
Note that the value VTRIP should be negative for a nega-
tive application.
The LTC2909 can also be used to monitor a single supply
for both UV and OV. This may be accomplished with three
resistors, instead of the four required for two independent
supplies. Configurations are shown in Figures 3 and 4.
RP4 or RN4 may be chosen as is RP1 above.
For a given RP4, monitoring a positive supply:
RR
VV
V
RR
V
V
V
PP
OV
UV
UV
PP
UV
OV
UV
54
64 21
=
=
()
–
–
For monitoring a negative supply with a given RN4:
RR
VV
V
RR
V
V
V
NN
UV
OV
UV
NN
UV
OV
U
54
64
1
12
1
1
=
=
()
–
–
–
–
–
V
V
Forexample,considermonitoringa–5Vsupplyat±10%.For
this supply application: VOV = –5.575V and VUV = –4.425V.
Suppose we wish to consume about 5μA in the
divider, so
RN4=100k.WethenfindRN5=21.0k,RN6=1.18M(nearest
1% standard values have been chosen). Suggested values
of resistors for 5% monitoring are shown in Table 3.
VCC Monitoring/UVLO
The LTC2909 contains an accurate third 10% undervoltage
monitor on the VCC pin. This monitor is fixed at a nominal
11.5% below the VCC specified in the part number. The
standard part (LTC2909-2.5) is configured to monitor a
2.5V supply (UVLO threshold of 2.213V), but versions
to monitor 3.3V and 5.0V (UVLO of 2.921V and 4.425V,
respectively) are available.
For applications that do not need VCC monitoring, the
2.5V version should be used, and the UVLO will simply
guarantee that the VCC is above the minimum required for
proper threshold and timer accuracy before the timeout
begins.
Setting the Reset Timeout
The reset timeout of the LTC2909 may be configured
in one of three ways: internal 200ms, programmed by
external capacitor and no timeout (comparator mode).
The mode of the timer is determined by the connection
of the TMR pin.
In externally-controlled mode, the TMR pin is connected
by a capacitor to ground. The value of that capacitor allows
for selection of a timeout ranging from about 400μs to 10
seconds. See the following section for details.
APPLICATIO S I FOR ATIO
–
+
–
+
+
–
0.5V
2909 F03
ADJ1
ADJ2
VMON
RP5
RP6
RP4
Figure 3. Setting UV and OV Trip Point for a Positive Supply
–
+
–
+
+
–
0.5V
2909 F04
ADJ2
ADJ1
REF
VMON
RN5
RN4
RN6
Figure 4. Setting UV and OV Trip Point for a Negative Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com