Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology LTC2909 Datasheet HTML 10Page - Linear Technology LTC2909 Datasheet HTML 11Page - Linear Technology LTC2909 Datasheet HTML 12Page - Linear Technology LTC2909 Datasheet HTML 13Page - Linear Technology LTC2909 Datasheet HTML 14Page - Linear Technology LTC2909 Datasheet HTML 15Page - Linear Technology LTC2909 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2909
16
2909fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0807 REV B • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
Automotive Supply System with Overvoltage, Overcurrent and Overtemperature Protection and Undervoltage Reset
PART NUMBER
DESCRIPTION
COMMENTS
LTC1326/LTC1326-2.5
Micropower Precision Triple Supply Monitor for
5V/2.5V, 3.3V and ADJ
4.725V, 3.118V, 1V Threshold (±0.75%)
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1540
Nanopower Comparator with Reference
Adjustable Hysteresis
LTC1726-2.5/LTC1726-5
Micropower Triple Supply Monitor for 2.5V/5V, 3.3V
and ADJ
Adjustable Reset and Watchdog Time-Outs
LTC1727/LTC1728
Micropower Triple Supply Monitor with Open-Drain
Reset
Individual Monitor Outputs in MSOP/5-Lead SOT-23
LTC1985-1.8
Micropower Triple Supply Monitor with Push-Pull
Reset Output
5-Lead SOT-23 Package
LTC2900
Programmable Quad Supply Monitor
Adjustable Reset, 10-Lead MSOP and 3mm × 3mm 10-Lead DFN
Package
LTC2901
Programmable Quad Supply Monitor
Adjustable Reset and Watchdog Timer, 16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable Reset and Tolerance, 16-Lead SSOP Package, Margining
Functions
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package, Ultralow Voltage Reset
LTC2904/LTC2905
3-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance and Reset Timer, 8-Lead SOT-23 Package
LTC2906/LTC2907
Precision Dual Supply Monitor 1-Selectable and
1 Adjustable
Separate VCC Pin, RST/⎯R⎯S⎯T Outputs/Adjustable Reset Timer
LTC2908
Precision Six Supply Monitor (Four Fixed and
2 Adjustable)
8-Lead SOT-23 and DDB Packages
LT6700
Micropower, Low Voltage, Dual Comparator with
400mV Reference
6-Lead SOT-23 Package
VCC
ADJ1
LTC2909-2.5
REF
ADJ2
RST
SEL
TMR
RP1A
102k
GND
VCC
ADJ1
LTC2909-2.5
REF
ADJ2
RST
SEL
TMR
VCC
ADJ1
LTC2909-2.5
REF
ADJ2
RST
SEL
TMR
GND
GND
RP1B
340k
RP1C
51.1k
RP1E
221k
RP1D
49.9k
NTC THERMISTOR
NTHS-1206N01
R25 = 100k
R = 10.7k AT 85
°C
RREF
10.7k
RPU1
4.7k
RL2
100k
CG
10nF
CBYP1
100nF
RL1 4.7k
RFB2
100k
RFB1
10k
RCC
4.7k
RP2A
2.49M
RP2B
2.05M
RP2C
221k
RP2D
1.07M
RP2E
1.15M
RPU2
10k
2909 TA05
RG2
10
Ω
RG1
1k
Q2
Q1
D1
2N6507
M1
IRLZ34
D1: 1N5238B OR SIMILAR
Q1, Q2: FFB2227 OR SIMILAR
VIN
12V
RS
0.01
Ω
CT
680nF
CBYP2
100nF
ON
FB
GATE
SENSE
TIMER
CIRCUIT BREAKER AND CROWBAR
GND
LT1641-2
PWRGD
VCC
DC/DC
2.5V
3.3V
DC/DC
CBYP3
100nF
SYSTEM
12V OV AND 3.3V OV DETECT
2.5V OV AND T > 85
°C DETECT
12V, 3.3V and 2.5V UV DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com