Electronic Components Datasheet Search
  English  ▼

X  

KTX201 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTX201
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX201 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTX201 Datasheet HTML 1Page - KEC(Korea Electronics) KTX201 Datasheet HTML 2Page - KEC(Korea Electronics) KTX201 Datasheet HTML 3Page - KEC(Korea Electronics) KTX201 Datasheet HTML 4Page - KEC(Korea Electronics) KTX201 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2002. 1. 24
3/5
KTX201E
Revision No : 1
0
-40
30
3k
-3
-1
-0.3
-0.1
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
-0.1
-0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I - V
f - I
C
COLLECTOR CURRENT I
(mA)
-0.1
3k
10
-0.01
-0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
-1
-2
-3
-4
-5
-6
-7
-80
-120
-160
-200
-240
I =-0.2mA
B
B
I =-0.5mA
B
I =-1.0mA
B
I =-1.5mA
B
I =-2.0mA
B
I =0mA
COMMON EMITTER
Ta=25 C
FE
C
-10
-30
-100
-300
50
100
300
500
1k
Ta=100 C
Ta=25 C
Ta=-25 C
V
=-6V
CE
CE
V
=-1V
COMMON EMITTER
CE(sat)
C
-0.3
-1
-3
-10
-30
-100
-300
-0.03
-0.05
-0.1
-0.3
-0.5
-1
Ta
=1
00
C
Ta=25 C
Ta=-25 C
COMMON EMITTER
I /I =10
C B
C
BE(sat)
-0.3
-1
-10
-30
-100
-300
-3
-0.3
-0.5
-1
-3
-5
-10
COMMON EMITTER
I /I =10
Ta=25 C
C B
T
C
-0.3
-1
-3
-10
-30
-100
-300
30
50
100
300
500
1k
COMMON EMITTER
V
=-10V
Ta=25 C
CE
B
BE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-3
-10
-30
-100
-300
-1k
COMMON EMITTER
V
=-6V
CE
Q (PNP TRANSISTOR)
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com