Electronic Components Datasheet Search
  English  ▼

X  

KTX201 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTX201
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX201 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTX201 Datasheet HTML 1Page - KEC(Korea Electronics) KTX201 Datasheet HTML 2Page - KEC(Korea Electronics) KTX201 Datasheet HTML 3Page - KEC(Korea Electronics) KTX201 Datasheet HTML 4Page - KEC(Korea Electronics) KTX201 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002. 1. 24
4/5
KTX201E
Revision No : 1
0
40
30
3
1
0.3
0.1
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
0.1
0.1
0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I - V
f - I
C
COLLECTOR CURRENT I
(mA)
0.1
3k
10
0.01
0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
12345
6
7
80
120
160
200
240
I =0.2mA
B
COMMON EMITTER
Ta=25 C
FE
C
10
30
100
300
50
100
300
500
1k
CE(sat)
C
0.3
1
3
10
30
100
300
0.03
0.05
0.1
0.3
0.5
1
Ta=10
0 C
Ta=25 C
Ta=-25 C
COMMON EMITTER
I /I =10
C B
C
BE(sat)
0.3
1
10
30
100
300
3
0.3
0.5
1
3
5
10
COMMON EMITTER
I /I =10
Ta=25 C
C B
T
C
0.3
1
3
10
30
100
300
30
50
100
300
500
1k
COMMON EMITTER
V
=10V
Ta=25 C
CE
B
BE
0.2
0.4
0.6
0.8
1.0
1.2
1
3
10
30
100
300
1k
0.5mA
0
1.0mA
2.0mA
3.0mA
5.0mA
6.0mA
10
COMMON EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V
=6V
CE
CE
V
=1V
3k
COMMON
EMITTER
V
=6V
CE
Q (NPN TRANSISTOR)
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com