Electronic Components Datasheet Search
  English  ▼

X  

KTX201 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTX201
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX201 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTX201 Datasheet HTML 1Page - KEC(Korea Electronics) KTX201 Datasheet HTML 2Page - KEC(Korea Electronics) KTX201 Datasheet HTML 3Page - KEC(Korea Electronics) KTX201 Datasheet HTML 4Page - KEC(Korea Electronics) KTX201 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GENERAL PURPOSE APPLICATION.
FEATURES
Including two devices in TESV.
(Thin Extreme Super mini type with 5 pin)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
A1
B1
C
TESV
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
5
4
P
P
P5
+_
+_
+_
+_
+_
+_
+_
1. Q BASE
2. Q , Q EMITTER
3. Q BASE
4. Q COLLECTOR
5. Q COLLECTOR
1
1
1
2
2
2
2002. 1. 24
1/5
SEMICONDUCTOR
TECHNICAL DATA
KTX201E
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Revision No : 1
Q1 MAXIMUM RATING (Ta=25 )
EQUIVALENT CIRCUIT(TOP VIEW)
12
3
54
Q1
Q2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
Base Current
IB
-30
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Q2 MAXIMUM RATING (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
Base Current
IB
30
Q1 Q2 MAXIMUM RATING (Ta=25 )
C
Type Name
h
Rank
FE
12
3
4
5
MARKING
* Total Rating.


Similar Part No. - KTX201

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX201 KEC-KTX201 Datasheet
698Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX201U KEC-KTX201U Datasheet
698Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
More results

Similar Description - KTX201

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX101E KEC-KTX101E Datasheet
100Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX101U KEC-KTX101U Datasheet
100Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX102U KEC-KTX102U Datasheet
59Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX201U KEC-KTX201U Datasheet
698Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
General Purpose PNP Epitaxial Planar Transistor
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com