Electronic Components Datasheet Search
  English  ▼

X  

LTC2953 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 3 Page - Linear Technology

  LTC2953 Datasheet HTML 1Page - Linear Technology LTC2953 Datasheet HTML 2Page - Linear Technology LTC2953 Datasheet HTML 3Page - Linear Technology LTC2953 Datasheet HTML 4Page - Linear Technology LTC2953 Datasheet HTML 5Page - Linear Technology LTC2953 Datasheet HTML 6Page - Linear Technology LTC2953 Datasheet HTML 7Page - Linear Technology LTC2953 Datasheet HTML 8Page - Linear Technology LTC2953 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2953
3
2953f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 27V, unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IEN(LKG)
EN/⎯E⎯N Leakage Current
VEN/⎯E⎯N = 1V, Sink Current Off
VEN/⎯E⎯N = 40V, Sink Current Off
●
●
±0.1
±1
μA
μA
VEN(VOL)
EN/⎯E⎯N Voltage Output Low
IEN/⎯E⎯N = 500μA
●
0.11
0.4
V
tEN, Lock Out
EN/⎯E⎯N Lock Out Time (Note 3)
Enable Released
→ Enable Asserted
●
52
64
82
ms
On/Off Timing Pins (⎯P⎯B, UVLO, PDT, ⎯I⎯N⎯T)
tDB, ON
Turn On Debounce Time
⎯P⎯B Falling → Enable Asserted
●
26
32
41
ms
IPDT(PU)
PDT Pull Up Current
VPDT = 0V
●
–2.4
–3
–3.6
μA
IPDT(PD)
PDT Pull Down Current
VPDT = 1.3V
●
2.433.6
μA
tDB, OFF
Turn Off Interrupt Debounce Time
⎯P⎯B, UVLO Falling → ⎯I⎯N⎯T Falling
●
26
32
41
ms
tPD, Min
Internal ⎯P⎯B Power Down Delay
Time (Note 4)
⎯P⎯B, UVLO Falling → Enable Released
PDT Open
●
52
64
82
ms
tPDT
Additional Adjustable ⎯P⎯B Power
Down Delay Time
CPDT = 1500pF
●
9
11.5
13.5
ms
tINT, Min
Minimum ⎯I⎯N⎯T Pulse Width
⎯I⎯N⎯T Asserted → ⎯I⎯N⎯T Released
●
26
32
41
ms
tINT, Max
Maximum ⎯I⎯N⎯T Pulse Width
CPDT = 1500pF, ⎯I⎯N⎯T Asserted → ⎯I⎯N⎯T Released
●
35
43.5
54.5
ms
μP Handshake Pins (⎯K⎯I⎯L⎯L, ⎯I⎯N⎯T)
VKILL(TH)
⎯K⎯I⎯L⎯L Input Threshold Voltage
⎯K⎯I⎯L⎯L Falling
●
0.57
0.6
0.63
V
VKILL(HYST)
⎯K⎯I⎯L⎯L Input Threshold Hysteresis
●
10
30
50
mV
tKILL(PW)
⎯K⎯I⎯L⎯L Minimum Pulse Width
●
30
μs
tKILL(PD)
⎯K⎯I⎯L⎯L Propagation Delay
⎯K⎯I⎯L⎯L Falling → Enable Released
●
30
μs
tKILL, ON BLANK
⎯K⎯I⎯L⎯L Turn On Blanking (Note 5)
⎯K⎯I⎯L⎯L = Low, Enable Asserted → Enable Released
●
400
512
650
ms
IKILL(LKG)
⎯K⎯I⎯L⎯L Leakage Current
VKILL = 0.6V
●
±0.1
μA
IINT(LKG)
⎯I⎯N⎯T Leakage Current
VINT = 3V
●
±0.1
μA
VINT(VOL)
⎯I⎯N⎯T Output Voltage Low
IINT = 3mA
●
0.11
0.4
V
Power Fail and Voltage Monitor Pins (⎯P⎯F⎯I, ⎯P⎯F⎯O, UVLO, VM, ⎯R⎯S⎯T)
VPFI(TH)
⎯P⎯F⎯I Input Threshold Voltage
Falling
●
492
500
508
mV
VUVLO(TH)
UVLO Input Threshold Voltage
Falling
●
492
500
508
mV
VM(TH)
Adjustable Reset Threshold
Falling/Rising
●
492
500
508
mV
ΔVTH
⎯P⎯F⎯I-UVLO Threshold Mismatch
●
–5
0
5
mV
VPFI(HYST)
⎯P⎯F⎯I Input Hysteresis
●
2
4
10
mV
VUVLO(HYST)
UVLO Input Hysteresis
●
30
50
70
mV
VPFO(VOL)
⎯P⎯F⎯O Output Voltage Low
IPFO = 500μA
●
0.11
0.4
V
VRST(VOL)
⎯R⎯S⎯T Output Voltage Low
I = 3mA
●
0.11
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com