Electronic Components Datasheet Search
  English  ▼

X  

LTC2953 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2953 Datasheet HTML 2Page - Linear Technology LTC2953 Datasheet HTML 3Page - Linear Technology LTC2953 Datasheet HTML 4Page - Linear Technology LTC2953 Datasheet HTML 5Page - Linear Technology LTC2953 Datasheet HTML 6Page - Linear Technology LTC2953 Datasheet HTML 7Page - Linear Technology LTC2953 Datasheet HTML 8Page - Linear Technology LTC2953 Datasheet HTML 9Page - Linear Technology LTC2953 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2953
6
2953f
VIN (V)
0
0.4
0.6
4
'#! /
0.2
0
1
2
3
1.0
0.8
TA = 25°C
100k PULL-UP FROM EN TO VIN
VIN (V)
0
2
3
4
2953 G11
1
0
1
2
3
4
TA = 25°C
100k PULL-UP FROM EN TO VIN
VIN (V)
0
0
1
2
3
4
0.5
1.0
1.5
2.0
2953 G12
2.5
3.0
3.5
4.0
TA = 25°C
PFI = 1V
100k PULL-UP FROM PFO TO VIN
VIN (V)
0
0
1
2
3
4
0.5
1.0
1.5
2.0
2953 G13
2.5
3.0
3.5
4.0
TA = 25°C
VM = 1V
100k PULL-UP FROM RST TO VIN
RST, INT CURRENT LOAD (mA)
0
0
100
200
300
400
500
600
246
8
2953 G14
10
TA = 25°C
VIN = 3.3V
TEMPERATURE (
°C)
–50
496
498
500
502
504
–25
0
25
50
2953 G15
75
100
VIN = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
EN (LTC2953-1) Voltage vs VIN
⎯E⎯N (LTC2953-2) Voltage vs V
IN
⎯P⎯F⎯O Voltage vs V
IN
⎯R⎯S⎯T Voltage vs V
IN
⎯R⎯S⎯T, ⎯I⎯N⎯T V
OL vs Current Load
Threshold Voltage (VM,
⎯P⎯F⎯I,
UVLO) vs Temperature
EN/EN, PFO CURRENT LOAD (mA)
0
400
600
800
2.5
2953 G16
200
0
0.5
1
1.5
2
3
TA = 25°C
VIN = 3.3V
EN/
⎯E⎯N, ⎯P⎯F⎯O V
OL vs Current Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com