Electronic Components Datasheet Search
  English  ▼

X  

LTC2953 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 4 Page - Linear Technology

  LTC2953 Datasheet HTML 1Page - Linear Technology LTC2953 Datasheet HTML 2Page - Linear Technology LTC2953 Datasheet HTML 3Page - Linear Technology LTC2953 Datasheet HTML 4Page - Linear Technology LTC2953 Datasheet HTML 5Page - Linear Technology LTC2953 Datasheet HTML 6Page - Linear Technology LTC2953 Datasheet HTML 7Page - Linear Technology LTC2953 Datasheet HTML 8Page - Linear Technology LTC2953 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2953
4
2953f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 27V, unless otherwise noted (Note 2).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The Enable Lock Out time is designed to allow an application to
properly power down such that the next power up sequence starts from a
consistent powered down configuration. ⎯P⎯B is ignored during this lock out
time. This time delay does not include tDB, ON.
Note 4: To manually force a release of the EN/⎯E⎯N pin, either ⎯P⎯B or UVLO
must be held low for at least tPD, Min (internal default power down timer) +
tPDT (adjustable by placing external capacitor at PDT pin).
Note 5: The ⎯K⎯I⎯L⎯L turn on blanking timer period (tKILL, ON BLANK) is the
waiting period immediately after enable output is asserted. This blanking
time allows sufficient time for the DC/DC converter and the μP to perform
power up tasks. The ⎯K⎯I⎯L⎯L, ⎯P⎯B and UVLO inputs are ignored during this
period. If ⎯K⎯I⎯L⎯L remains low at the end of this blanking period, the enable
output is released, thus turning off system power.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPFI(LKG)
⎯P⎯F⎯I Leakage Current
VPFI = 0.5V
VPFI = 27V
●
2
±10
±1
nA
μA
IPFO(LKG)
⎯P⎯FO Leakage Current
VPFO = 1V
VPFO = 40V
●
2
±10
±1
nA
μA
IUVLO(LKG)
UVLO Leakage Current
VUVLO = 0.5V
VUVLO = 27V
●
2
±10
±1
nA
μA
IVM(LKG)
VM Input Leakage Current
VM = 0.5V
●
2
±10
nA
IRST(LKG)
⎯R⎯S⎯T Output Leakage Current
VRST = 3V
●
±0.1
μA
tPFI
⎯P⎯F⎯I Delay to ⎯P⎯F⎯O
●
40
100
200
μs
tRST
Reset Timeout Period
●
140
200
260
ms
tuv
VM Under Voltage Detect to ⎯R⎯S⎯T
VM Less Than VM(TH) By More Than 1%
250
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com