Electronic Components Datasheet Search
  English  ▼

X  

LTC2960 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2960
Description  36V Nano-Current Two-Input Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2960 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2960 Datasheet HTML 10Page - Linear Technology LTC2960 Datasheet HTML 11Page - Linear Technology LTC2960 Datasheet HTML 12Page - Linear Technology LTC2960 Datasheet HTML 13Page - Linear Technology LTC2960 Datasheet HTML 14Page - Linear Technology LTC2960 Datasheet HTML 15Page - Linear Technology LTC2960 Datasheet HTML 16Page - Linear Technology LTC2960 Datasheet HTML 17Page - Linear Technology LTC2960 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2960
18
2960fa
For more information www.linear.com/LTC2960
LINEAR TECHNOLOGY CORPORATION 2013
LT 1213 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2960
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC1326
Micropower Triple-Supply Monitor for 5V/2.5V, 3.3V and ADJ
4.725V, 3.118V, 1V Threshold (±0.75%) and ADJ
LTC1726
Micropower Triple-Supply Monitor for 2.5V/5V, 3.3V and ADJ
Adjustable Reset and Watchdog Timeouts
LTC1727
Micropower Triple-Supply Monitor with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728
Micropower Triple-Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985
Micropower Triple-Supply Monitor with Push-Pull Reset Output
5-Lead SOT-23 Package
LTC2900/LTC2901/
LTC2902
Programmable Quad-Supply Monitor
Adjustable Reset, Watchdog Timer and Tolerance, 10-Lead
MSOP and DFN Packages
LTC2903
Precision Quad-Supply Monitor
6-Lead SOT-23 and DFN Packages
LTC2904/LTC2905/
LTC2906/LTC2907
Three-State Programmable Precision Dual-Supply Monitor
8-Lead SOT-23 and DFN Packages
LTC2908
Precision Six-Supply Monitor (Four Fixed and Two Adjustable)
8-Lead SOT-23 and DFN Packages
LTC2909
Precision Triple-/Dual-Input UV, OV and Negative Voltage Monitor
Shunt Regulated VCC Pin, Adjustable Threshold and Reset,
8-Lead SOT-23 and DFN Packages
LTC2910
Octal Positive/Negative Voltage Monitor
Separate VCC Pin, Eight Inputs, Up to Two Negative Monitors
Adjustable Reset Timer, 16-Lead SSOP and DFN Packages
LTC2912/LTC2913/
LTC2914
Single-/Dual-/Quad-UV and OV Voltage Monitors
Separate VCC Pin, Adjustable Reset Timer
LTC2915/LTC2916/
LTC2917/LTC2918
Single-Voltage Supervisors with 27 Pin-Selectable Thresholds
Manual Reset and Watchdog Functions, 8- and 10-Lead
TSOT-23, MSOP and DFN Packages
LTC2934
Ultralow Power Supervisor with ADJ and PFI Inputs
500nA Quiescent Current, 2mm × 2mm 8-Lead DFN and
TSOT-23 Packages
LTC2935
Ultralow Power Supervisor with Eight Pin-Selectable Thresholds
500nA Quiescent Current, 2mm × 2mm 8-Lead DFN and
TSOT-23 Packages
Figure 13. Micropower Power Supply Sequencer and Supervisor
LTC2960-1
6.6V < VIN < 36V
VCC
GND
MR
IN+
ADJ
RT
OUT
U1 RST
LTC2960-1
15ms DELAY
200ms DELAY
2960 F14
VCC
GND
MR
OUT
RT
ADJ
IN+
RST
C1
0.1µF
25V
R1
402k
R2
6.04M
R3
10M
VIN SUPPLY UVLO = 6.410V
1.8V SUPPLY UVLO = 3.863V
RESET THRESHOLD = 1.693V
R4
402k
R8
1.3M
R7
402k
R9
1M
1.8V
OUTPUT
5V
OUTPUT
RST
R5
3.48M
R6
1M
LT3991
VIN
GND
VOUT
EN
LT3009-1.8
IN
GND
OUT
SHDN
C3
1µF
10V
C2
47µF
16V
NOT ALL LT3991 COMPONENTS SHOWN
BUCK CONVERTER
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com