Electronic Components Datasheet Search
  English  ▼

X  

LTC2960 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2960
Description  36V Nano-Current Two-Input Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2960 Datasheet(HTML) 3 Page - Linear Technology

  LTC2960 Datasheet HTML 1Page - Linear Technology LTC2960 Datasheet HTML 2Page - Linear Technology LTC2960 Datasheet HTML 3Page - Linear Technology LTC2960 Datasheet HTML 4Page - Linear Technology LTC2960 Datasheet HTML 5Page - Linear Technology LTC2960 Datasheet HTML 6Page - Linear Technology LTC2960 Datasheet HTML 7Page - Linear Technology LTC2960 Datasheet HTML 8Page - Linear Technology LTC2960 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2960
3
2960fa
For more information www.linear.com/LTC2960
orDer inForMaTion
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2960CTS8-1#TRMPBF LTC2960CTS8-1#TRPBF
LTFZY
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-1#TRMPBF LTC2960ITS8-1#TRPBF
LTFZY
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-1#TRMPBF LTC2960HTS8-1#TRPBF
LTFZY
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2960CTS8-2#TRMPBF LTC2960CTS8-2#TRPBF
LTGBB
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-2#TRMPBF LTC2960ITS8-2#TRPBF
LTGBB
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-2#TRMPBF LTC2960HTS8-2#TRPBF
LTGBB
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2960CTS8-3#TRMPBF LTC2960CTS8-3#TRPBF
LTFSD
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-3#TRMPBF LTC2960ITS8-3#TRPBF
LTFSD
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-3#TRMPBF LTC2960HTS8-3#TRPBF
LTFSD
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2960CTS8-4#TRMPBF LTC2960CTS8-4#TRPBF
LTGBD
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-4#TRMPBF LTC2960ITS8-4#TRPBF
LTGBD
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-4#TRMPBF LTC2960HTS8-4#TRPBF
LTGBD
8-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
elecTrical characTerisTics The
l
denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C, VCC = 7V, DVCC = 3.3V unless otherwise noted (Note 2).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Input Supply Operating Range
l
2.5
36
V
VUVLO
VCC Undervoltage Lockout
VCC Undervoltage Lockout Hysteresis
VCC Rising
l
1.85
100
2.3
V
mV
ICC
VCC Input Supply Current
MR = 5V, VCC = 36V, –40°C ≤ TA ≤ 85°C
MR = 5V, VCC = 36V, –40°C ≤ TA ≤ 125°C
l
l
400
400
850
850
1250
2000
nA
nA
DVCC
DVCC Input Supply Operating Range
l
1.6
5.5
V
IDVCC
DVCC Input Current
RST = OUT = LOW DVCC = 5.5V
l
±50
nA
THRESHOLD ADJUSTMENT INPUTS: ADJ, IN+/IN–
VTH
ADJ/IN+ Input Threshold
IN– Input Threshold
Monitored Voltage Falling
Monitored Voltage Rising
l
l
394
394
400
400
406
406
mV
mV
VTHM
ADJ to IN+/IN– Threshold Matching
l
±2
±6
mV
VRHYS
ADJ Threshold Hysteresis
Monitored Voltage Rising
l
8
10
15
mV
V+HYS
IN+ Threshold Hysteresis
Monitored Voltage Rising
l
18
20
25
mV
V–HYS
IN– Threshold Hysteresis
Monitored Voltage Falling
l
18
20
25
mV
tUV
Under Voltage Detect to RST, OUT Falling
V = VTH – 40mV
l
80
170
500
µs
ITH(LKG)
Input Leakage Current
V = 420mV, –40°C ≤ TA ≤ 85°C
V = 420mV, –40°C ≤ TA ≤ 125°C
l
l
±0.1
±0.1
±1
±10
nA
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com