Electronic Components Datasheet Search
  English  ▼

X  

LTC2960 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2960
Description  36V Nano-Current Two-Input Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2960 Datasheet(HTML) 2 Page - Linear Technology

  LTC2960 Datasheet HTML 1Page - Linear Technology LTC2960 Datasheet HTML 2Page - Linear Technology LTC2960 Datasheet HTML 3Page - Linear Technology LTC2960 Datasheet HTML 4Page - Linear Technology LTC2960 Datasheet HTML 5Page - Linear Technology LTC2960 Datasheet HTML 6Page - Linear Technology LTC2960 Datasheet HTML 7Page - Linear Technology LTC2960 Datasheet HTML 8Page - Linear Technology LTC2960 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2960
2
2960fa
For more information www.linear.com/LTC2960
absoluTe MaxiMuM raTings
Input Voltages
VCC, RT, MR .......................................... –0.3V to 40V
DVCC........................................................ –0.3V to 6V
ADJ, IN+, IN–......................................... –0.3V to 3.5V
Output Voltages (LTC2960-1/LTC2960-2)
RST, OUT ............................................... –0.3V to 40V
Output Voltages (LTC2960-3/LTC2960-4)
RST, OUT (DVCC ≥1.6V)......... –0.3V to (DVCC + 0.3V)
RST, OUT (DVCC = GND) ....................... –0.3V to 6.3V
(Notes 1 & 2)
TOP VIEW
VCC
RT/DVCC
RST
OUT
IN+/IN–
ADJ
MR
GND
DC8 PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 150°C, qJA = 80.6°C/W
EXPOSED PAD (PIN 9) PCB GND
CONNECTION OPTIONAL
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
VCC
RT/DVCC
RST
OUT
IN+/IN–
ADJ
MR
GND
TJMAX = 150°C, qJA = 195°C/W
pin conFiguraTion
orDer inForMaTion
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2960CDC-1#TRMPBF
LTC2960CDC-1#TRPBF
LFZZ
8-Lead (2mm × 2mm) Plastic DFN
0°C to 70°C
LTC2960IDC-1#TRMPBF
LTC2960IDC-1#TRPBF
LFZZ
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2960HDC-1#TRMPBF
LTC2960HDC-1#TRPBF
LFZZ
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2960CDC-2#TRMPBF
LTC2960CDC-2#TRPBF
LGBC
8-Lead (2mm × 2mm) Plastic DFN
0°C to 70°C
LTC2960IDC-2#TRMPBF
LTC2960IDC-2#TRPBF
LGBC
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2960HDC-2#TRMPBF
LTC2960HDC-2#TRPBF
LGBC
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2960CDC-3#TRMPBF
LTC2960CDC-3#TRPBF
LFSF
8-Lead (2mm × 2mm) Plastic DFN
0°C to 70°C
LTC2960IDC-3#TRMPBF
LTC2960IDC-3#TRPBF
LFSF
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2960HDC-3#TRMPBF
LTC2960HDC-3#TRPBF
LFSF
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2960CDC-4#TRMPBF
LTC2960CDC-4#TRPBF
LGBF
8-Lead (2mm × 2mm) Plastic DFN
0°C to 70°C
LTC2960IDC-4#TRMPBF
LTC2960IDC-4#TRPBF
LGBF
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2960HDC-4#TRMPBF
LTC2960HDC-4#TRPBF
LGBF
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
Average Currents
RST, OUT ...........................................................±5mA
Operating Ambient Temperature Range
LTC2960C................................................ 0°C to 70°C
LTC2960I .............................................–40°C to 85°C
LTC2960H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23 Package .............................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com