Electronic Components Datasheet Search
  English  ▼

X  

LTC3127 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3127
Description  1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3127 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3127 Datasheet HTML 9Page - Linear Technology LTC3127 Datasheet HTML 10Page - Linear Technology LTC3127 Datasheet HTML 11Page - Linear Technology LTC3127 Datasheet HTML 12Page - Linear Technology LTC3127 Datasheet HTML 13Page - Linear Technology LTC3127 Datasheet HTML 14Page - Linear Technology LTC3127 Datasheet HTML 15Page - Linear Technology LTC3127 Datasheet HTML 16Page - Linear Technology LTC3127 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3127

3127f
applicaTions inForMaTion
Output and Input Capacitor Selection
When selecting output capacitors for large pulsed loads,
the magnitude and duration of the pulse current, together
with the droop voltage specification, determine the choice
of the output capacitor. Both the ESR of the capacitor and
the charge stored in the capacitor each cycle contribute
to the output voltage droop. The droop due to the charge
is approximately:
V
I
V
I
V
I
DROOP LOAD
PULSE
IN IN MAX
OUT
STAN
_
(
)
•
•
=
−
−
h
DDBY
OUT
D T
C
V
• •
( )
where
IPULSE = pulsed load current
ISTANDBY = static load current in standby mode
IIN(MAX) = programmed input current limit in amps
T = period of the load pulse
D = load pulse’s duty cycle
VDROOP = amount the output falls out of regulation in volts
h = the efficiency of the converter at the input current
limit point
The preceding equation is a worst-case approximation
assuming all the pulsing energy comes from the output
capacitor.
Thedroopduetothecapacitorequivalentseriesresistance
(ESR) is:
V
I
V
I
V
I
DROOP ESR
PULSE
IN IN MAX
OUT
STAND
_
(
)
•
•
=
−
−
h
BBY
ESR V
•
( )
Low ESR and high capacitance are critical to main-
taining low output droop. Table 2 and the Typical Applica-
tions schematics show a list of several reservoir capacitor
manufacturers.
The total output voltage droop is given by:
VDROOP = VDROOP_LOAD + VDROOP_ESR (V)
HighcapacitancevaluesandlowESRcanleadtoinstability
in typical internally compensated buck-boost convert-
ers. Using proportional compensation, the LTC3127 is
stable with low ESR output capacitor values greater than
1000µF.
Multilayer ceramic capacitors are an excellent choice for
input decoupling of the step-up converter as they have
extremely low ESR and are available in small footprints.
Input capacitors should be located as close as possible to
the device. While a 10µF input capacitor is sufficient for
most applications, larger values may be used to improve
input decoupling without limitation. Consult the manufac-
turers directly for detailed information on their selection
of ceramic capacitors. Although ceramic capacitors are
recommended, low ESR tantalum capacitors may be used
as well.
When using a large capacitance to help with pulsed load
applications, the maximum load for a given duty cycle, and
the minimum capacitance can be calculated by:
I
V
I
D V
A
C
LOAD MAX
IN
IN MAX
OUT
OUT MIN
(
)
(
)
(
)
( )
=
•
•
•
h
==
−
•
•
−
I
V
I
V
I
PULSE
IN
IN MAX
OUT
STANDBY
(
) h

•
D T
V
F
DROOP
•
( )
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEB SITE
Vishay
402-563-6866
www.vishay.com
AVX
803-448-9411
www.avxcorp.com
Cooper Bussmann
516-998-4100
www.cooperbussmann.com
CAP-XX
843-267-0720
www.cap-xx.com
Panasonic
800-394-2112
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com