Electronic Components Datasheet Search
  English  ▼

X  

LTC3127 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3127
Description  1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3127 Datasheet(HTML) 2 Page - Linear Technology

  LTC3127 Datasheet HTML 1Page - Linear Technology LTC3127 Datasheet HTML 2Page - Linear Technology LTC3127 Datasheet HTML 3Page - Linear Technology LTC3127 Datasheet HTML 4Page - Linear Technology LTC3127 Datasheet HTML 5Page - Linear Technology LTC3127 Datasheet HTML 6Page - Linear Technology LTC3127 Datasheet HTML 7Page - Linear Technology LTC3127 Datasheet HTML 8Page - Linear Technology LTC3127 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3127

3127f
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, VOUT Voltage .......................................... –0.3 to 6V
SW1, SW2 DC Voltage ................................... –0.3 to 6V
SW1, SW2 Pulsed (<100ns) Voltage .............. –0.3 to 7V
MODE, FB, VC Voltage.................................... –0.3 to 6V
SHDN Voltage ............................................... –0.3 to 6V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SW2
VOUT
VC
FB
SGND
SW1
VIN
SHDN
MODE
PROG
11
PGND
TJMAX = 125°C, θJA = 43°C/W (NOTE 6)
EXPOSED PAD (PIN 11) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
PGND
SW1
VIN
SHDN
MODE
PROG
12
11
10
9
8
7
PGND
SW2
VOUT
VC
FB
SGND
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
PGND
TJMAX = 125°C, θJA = 40°C/W (NOTE 6)
EXPOSED PAD (PIN 11) IS PGND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3127EDD#PBF
LTC3127EDD#TRPBF
LDYD
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3127EMSE#PBF
LTC3127EMSE#TRPBF
3127
12-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PROG Voltage ................................................ –0.3 to 6V
Operating Junction Temperature Range
(Note 2)....................................................–40°C to 85°C
Maximum Junction Temperature (Note 5) ........... 125°C
Storage Temperature Range ..................–65°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com