Electronic Components Datasheet Search
  English  ▼

X  

LTC3127 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3127
Description  1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3127 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3127 Datasheet HTML 2Page - Linear Technology LTC3127 Datasheet HTML 3Page - Linear Technology LTC3127 Datasheet HTML 4Page - Linear Technology LTC3127 Datasheet HTML 5Page - Linear Technology LTC3127 Datasheet HTML 6Page - Linear Technology LTC3127 Datasheet HTML 7Page - Linear Technology LTC3127 Datasheet HTML 8Page - Linear Technology LTC3127 Datasheet HTML 9Page - Linear Technology LTC3127 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3127

3127f
Load Transient Response in
Burst Mode Operation, No Load
to 1A, in Input Current Limit
Start-Up Waveform
Typical perForMance characTerisTics (T
J = 25°C, unless otherwise noted )
Load Transient Response in
Burst Mode Operation, No Load
to 1A, Not in Input Current Limit
Transition from Burst Mode
Operation to Fixed Frequency Mode
200µs/DIV
VOUT
50mV/DIV
MODE
5V/DIV
IIN
1A/DIV
ILOAD
1A/DIV
3127 G17
VIN = 3.6V
RPROG = 90k
R3 = 499k
VOUT = 3.3V
COUT = 4.4mF
C1 = 100pF
100µs/DIV
VOUT
20mV/DIV
MODE
5V/DIV
IIN
200mA/DIV
3127 G18
VIN = 3.6V
RPROG = 32.4k
R3 = 499k
VOUT = 3.3V
COUT = 4.4mF
C1 = 100pF
5ms/DIV
VOUT
1V/DIV
SHDN
5V/DIV
IIN
500mA/DIV
3127 G20
VIN = 3.6V
RPROG = 32.4k
R3 = 499k
VOUT = 3.3V
COUT = 4.4mF
C1 = 100pF
200µs/DIV
VOUT
100mV/DIV
MODE
5V/DIV
IIN
500mA/DIV
ILOAD
1A/DIV
3127 G19
VIN = 3.6V
RPROG = 32.4k
R3 = 499k
VOUT = 3.3V
COUT = 4.4mF
C1 = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com