Electronic Components Datasheet Search
  English  ▼

X  

LTC3230 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3230
Description  5-LED Main/Sub Display Driver with Dual LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3230 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3230 Datasheet HTML 8Page - Linear Technology LTC3230 Datasheet HTML 9Page - Linear Technology LTC3230 Datasheet HTML 10Page - Linear Technology LTC3230 Datasheet HTML 11Page - Linear Technology LTC3230 Datasheet HTML 12Page - Linear Technology LTC3230 Datasheet HTML 13Page - Linear Technology LTC3230 Datasheet HTML 14Page - Linear Technology LTC3230 Datasheet HTML 15Page - Linear Technology LTC3230 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3230
13
3230fa
APPLICATIONS INFORMATION
of capacitor is needed to ensure minimum capacitances
at all temperatures and voltages.
Table 3 shows a list of ceramic capacitor manufacturers
and how to contact them.
Table 3. Recommended Capacitor Vendors
AVX
xww.avxcrp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
Layout Considerations and Noise
Due to the high switching frequency and the transient
currents produced by the LTC3230, careful board layout
is necessary. A true ground plane and short connections
to all capacitors will improve performance and ensure
proper regulation under all conditions.
The flying capacitor pins C1P, C2P, C1M and C2M will have
high edge rate waveforms. The large dv/dt on these pins
can couple energy to adjacent PCB runs. Magnetic fields
can also be generated if the flying capacitors are not close
to the LTC3230 (i.e., the loop area is large). To decouple
capacitive energy transfer, a grounded PCB trace between
the sensitive node and the LTC3230 pins will shield the
sensitive node. For a high quality AC ground, the shield
trace should be returned to a solid ground plane that
extends all the way to the LTC3230.
The following guidelines should be followed when design-
ing a PCB layout for the LTC3230:
• The Exposed Pad should be soldered to a large cop-
per plane that is connected to a solid, low impedance
ground plane using plated through hole vias for proper
heat sinking and noise protection.
• Input and output capacitors must be placed close to
the part.
• The flying capacitors must be placed close to the part.
The traces from the pins to the capacitor pad should
be as wide as possible.
• VINandCPOtracesmustbewidetominimizeinductance
and handle high currents.
• LED pads must be large and connected to the other
layers of metal to ensure proper heat sinking.
• The RSET pin is sensitive to noise and capacitance. The
resistor should be placed near the part with minimum
line width.
Power Efficiency
To calculate the power efficiency (
η) of a white LED
driver chip, the LED power should be compared to the
input power. The difference between these two numbers
represents lost power whether it is in the charge pump
or the current sources. Stated mathematically, the power
efficiency is given by:
η=
P
P
LED
IN
The efficiency of the LTC3230 depends upon the mode in
which it is operating. Recall that the LTC3230 operates
as a pass switch, connecting VIN to CPO, until dropout is
detected at a LED pin. This feature provides the optimum
efficiency available for a given input voltage and LED
forward voltage. When it is operating as a switch, the
efficiency is approximated by:
η=
=
=
P
P
VI
VI
V
V
LED
IN
LED
LED
IN
IN
LED
IN
•
•
since the input current will be very close to the sum of
the LED currents.
At moderate to high output power, the quiescent current
of the LTC3230 is negligible and the expression above is
valid.
Once dropout is detected at any LED pin, the LTC3230
enables the charge pump in 1.5x mode.
In 1.5x boost mode, the efficiency is similar to that of a
linear regulator with an effective input voltage of 1.5 times
the actual input voltage. This is because the input current
for a 1.5x charge pump is approximately 1.5 times the
load current. In an ideal 1.5x charge pump, the power
efficiency would be given by:
η=
=
=
P
P
VI
VI
V
V
LED
IN
LED
LED
IN
IN
LED
IN
•
•. •
. •
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com